Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OA254AN-11-1XC Datasheet(PDF) 1 Page - ORION FANS

Part # OA254AN-11-1XC
Description  254 x 89mm (10.0??x 3.5??
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA254AN-11-1XC Datasheet(HTML) 1 Page - ORION FANS

  OA254AN-11-1XC Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
23
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
254 x 89mm
(10.0” x 3.5”)
Frame
Diecast Aluminum
Operating Temperature
Ball Bearing
-20C ~ +80C
Life Expectancy
Ball Bearing
60,000 hours (L10 at 40C)
Approvals
UL/cUL: E170149
TUV: R50133700
CE
Impeller
PBT, UL94V-O plastic
Connection
2x Lead Wires or Terminals
Motor
Capacitor drive, thermally
protected
Bearing System
Dual ball
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
* Indicate “TB” for terminal type or “WB” for Wire leads (300mm)
Model Number
Speed
(RPM) Airflow (CFM) Noise (dB) Volts AC Voltage Range Watts
Max. Static
Pressure
(“H2O)
OA254AN-11-1 * XC
2700
850
69
115
80~130
75
1.14
OA254AN-11-1 *
2200
700
65
115
80~130
70
0.80
OA254AN-11-2 *
2000
600
55
115
80~130
45
0.59
OA254AN-11-3 *
1100
320
48
115
80~130
32
0.31
OA254AN-22-1 * XC
2700
850
69
230
160~260
75
1.14
OA254AN-22-1 *
2200
700
65
230
160~260
70
0.80
OA254AN-22-2 *
2000
600
55
230
160~260
45
0.59
OA254AN-22-3 *
1100
320
48
230
160~260
32
0.31
OA254AN Series
High Performance
m0


Similar Part No. - OA254AN-11-1XC

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA254AN-11-1XC ORIONFANS-OA254AN-11-1XC Datasheet
399Kb / 1P
   AC Fan - 115V, 230V High Performance 254 x 89mm (10.0??x 3.5??
OA254AN-11-1XC ORIONFANS-OA254AN-11-1XC Datasheet
399Kb / 1P
   AC Fan - 115V, 230V High Performance
More results

Similar Description - OA254AN-11-1XC

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA2543AN-METAL ORIONFANS-OA2543AN-METAL Datasheet
260Kb / 1P
   AC Fan - 115V, 230V 254 x 89mm (10.0??x 3.5??
OA2547AN-METAL ORIONFANS-OA2547AN-METAL Datasheet
319Kb / 1P
   AC Fan - 115V, 230V 254 x 89mm (10.0??x 3.5??
OA254ANXC ORIONFANS-OA254ANXC Datasheet
399Kb / 1P
   AC Fan - 115V, 230V High Performance 254 x 89mm (10.0??x 3.5??
OA254 ORIONFANS-OA254 Datasheet
137Kb / 1P
   254 x 89mm
OA180-METAL ORIONFANS-OA180-METAL Datasheet
535Kb / 1P
   AC Fan - 115V, 230V 176 x 89mm (6.9??x 3.5??
OA180AP ORIONFANS-OA180AP_15 Datasheet
750Kb / 1P
   AC Fan - 115V, 230V 180 x 89mm (7.1??x 3.5??
OA180AP ORIONFANS-OA180AP Datasheet
1Mb / 1P
   AC Fan - 115V, 230V 180 x 89mm (7.1' x 3.5')
logo
P-tec Corporation
PLBT3528-WCNW P-TEC-PLBT3528-WCNW Datasheet
3Mb / 13P
   3.5 x 2.8 x 1.9mm SMD LED
logo
BRIGHT LED ELECTRONICS ...
BA-8S9UW BRIGHT-BA-8S9UW Datasheet
133Kb / 3P
   10.0 x 20.16mm LIGHT BAR
BA-8D9UW BRIGHT-BA-8D9UW Datasheet
132Kb / 3P
   10.0 x 20.16mm LIGHT BAR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com