Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIR-505STA47 Datasheet(PDF) 2 Page - Rohm

Part # SIR-505STA47
Description  Infrared light emitting diode, top view type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SIR-505STA47 Datasheet(HTML) 2 Page - Rohm

  SIR-505STA47 Datasheet HTML 1Page - Rohm SIR-505STA47 Datasheet HTML 2Page - Rohm SIR-505STA47 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SIR-505STA47
Sensors
Rev.A
2/2
Electrical and optical characteristic curves
Fig.1 Forward current falloff
AMBIENT TEMPERATURE : Ta (
°C)
−20
0
40
60
80
20
100
0
40
20
60
80
100
Fig.2 Forward current vs. forward voltage
FORWARD VOLTAGE : VF(
V)
0
20
40
60
80
100
012
75
°C
50
°C
25
°C
0
°C
−25
°C
Fig.3 Wavelength characteristics
OPTICAL WAVELENGTH :
λ (nm)
900
920
940
960
980
1000
0
20
40
60
80
100
Fig.4 Emitting strength vs.
forward current
FORWARD CURRENT : IF
(mA)
0
20406080
100
10
30
50
70
90
0
4
8
12
16
20
Fig. 5 Relative emitting strength vs.
ambient temperature
AMBIENT TEMPERATURE : Ta
(
°C)
0
−25
25
100
50
75
10
20
50
100
200
0
20
40
60
80
100
0
10
°
0
°
20
°
30
°
40
°
50
°
60
°
70
°
80
°
90
°
20
40
60
80
100
20
40
60
80
90
70
50
30
10
ANGULAR DISPLACEMENT :
θ (deg)
RELATIVE EMITTING STRENGTH (%)
Fig. 6 Directional pattern


Similar Part No. - SIR-505STA47

ManufacturerPart #DatasheetDescription
logo
Rohm
SIR-505STA47 ROHM-SIR-505STA47 Datasheet
60Kb / 3P
   Infrared light emitting diode, top view type
More results

Similar Description - SIR-505STA47

ManufacturerPart #DatasheetDescription
logo
Rohm
SIR-568ST3F ROHM-SIR-568ST3F_1 Datasheet
70Kb / 4P
   Infrared light emitting diode, top view type
SIR-341ST3F ROHM-SIR-341ST3F Datasheet
63Kb / 3P
   Infrared light emitting diode, top view type
SIR-56ST3F ROHM-SIR-56ST3F Datasheet
53Kb / 3P
   Infrared light emitting diode, top view type
SIR-563ST3F ROHM-SIR-563ST3F Datasheet
53Kb / 3P
   Infrared light emitting diode, top view type
SIR-568ST3F ROHM-SIR-568ST3F Datasheet
59Kb / 3P
   Infrared light emitting diode, top view type
SIR-34ST3F ROHM-SIR-34ST3F Datasheet
81Kb / 4P
   Infrared light emitting diode, top view type
SIR-320ST3F ROHM-SIR-320ST3F_1 Datasheet
69Kb / 4P
   Infrared light emitting diode, top view type
SIR-320ST3F ROHM-SIR-320ST3F Datasheet
68Kb / 3P
   Infrared light emitting diode, top view type
SIR-505STA47 ROHM-SIR-505STA47 Datasheet
60Kb / 3P
   Infrared light emitting diode, top view type
SIR-341ST3F ROHM-SIR-341ST3F_10 Datasheet
140Kb / 3P
   Infrared light emitting diode, top view type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com