Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-012U8T Datasheet(PDF) 7 Page - Rohm

Part # SML-012U8T
Description  Reflector type (3.0 x 2.0mm, t=1.3mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-012U8T Datasheet(HTML) 7 Page - Rohm

  SML-012U8T Datasheet HTML 1Page - Rohm SML-012U8T Datasheet HTML 2Page - Rohm SML-012U8T Datasheet HTML 3Page - Rohm SML-012U8T Datasheet HTML 4Page - Rohm SML-012U8T Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 5 page
//htmlimg2.alldatasheet.net/htmldatasheet2/430033/ROHM/SML-012U8T/729/7/SML-012U8T.png


Similar Part No. - SML-012U8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012U8T ROHM-SML-012U8T Datasheet
148Kb / 3P
   SML-01 Series Reflector improved the concentration of viewing angle
SML-012U8T ROHM-SML-012U8T Datasheet
104Kb / 2P
   Chip LEDs with Reflector Standard Type
SML-012U8T ROHM-SML-012U8T Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-012U8T ROHM-SML-012U8T Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-012U8T ROHM-SML-012U8T Datasheet
497Kb / 10P
   SML-01 series
More results

Similar Description - SML-012U8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012P8TT86 ROHM-SML-012P8TT86 Datasheet
441Kb / 11P
   Reflector type (3.0횞2.0mm, t=1.3mm)
SML-013UTT86 ROHM-SML-013UTT86 Datasheet
1Mb / 11P
   Reflector type (3.0x2.0mm, t 1.3mm)
SML013WB ROHM-SML013WB Datasheet
103Kb / 3P
   Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> High Brightness Type
SML012BCTT86T ROHM-SML012BCTT86T Datasheet
120Kb / 3P
   Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> Medium / High Brightness Type
logo
LUMEX INC.
SML-LXT0805SIUGUBW LUMEX-SML-LXT0805SIUGUBW Datasheet
107Kb / 2P
   2.0mm X 1.3mm PCB SURFACE MOUNT
logo
STANLEY ELECTRIC CO.,LT...
BRPY1204W STANLEY-BRPY1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
BRBG1204W STANLEY-BRBG1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
logo
Maxim Integrated Produc...
MAX44269 MAXIM-MAX44269 Datasheet
3Mb / 14P
   1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 0; 9/11
logo
Kingbright Corporation
AA3020EC KINGBRIGHT-AA3020EC Datasheet
133Kb / 6P
   3.0 x 2.0mm SINGLE COLOR SURFACE
KPK-3020PBC KINGBRIGHT-KPK-3020PBC Datasheet
95Kb / 4P
   3.0 X 2.0mm SMD SHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com