Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH5324C00 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LH5324C00
Description  CMOS 24M (1.5M x 16) MROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH5324C00 Datasheet(HTML) 3 Page - Sharp Corporation

  LH5324C00 Datasheet HTML 1Page - Sharp Corporation LH5324C00 Datasheet HTML 2Page - Sharp Corporation LH5324C00 Datasheet HTML 3Page - Sharp Corporation LH5324C00 Datasheet HTML 4Page - Sharp Corporation LH5324C00 Datasheet HTML 5Page - Sharp Corporation LH5324C00 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TRUTH TABLE
CE
OE
A0 - A18
A19
A20
DATA
OUTPUT
SUPPLY
CURRENT
D0 - D15
H
X
X
X
X
High-Z
Standby (ISB)
L
H
X
X
X
High-Z
Operating (ICC)
L
L
X
L
L
Output
Operating (ICC)
L
L
X
L
H
Output
Operating (ICC)
L
L
X
H
L
Output
Operating (ICC)
L
L
X
H
H
High-Z
Operating (ICC)
NOTES:
1.
X = Don’t care; High-Z = High-impedance
2.
When the address inputs become HIGH to both A19 and A20, the data does not exist in this address area,
the data outputs become "High Impedance".
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
Supply voltage
VCC
-0.3 to +7.0
V
Input voltage
VIN
-0.3 to VCC + 0.3
V
Output voltage
VOUT
-0.3 to VCC + 0.3
V
Operating temperature
TOPR
0 to +70
°C
Storage temperature
TSTG
-65 to +150
°C
RECOMMENDED OPERATING CONDITIONS (TA = 0 to +70°C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VCC
4.5
5.0
5.5
V
DC ELECTRICAL CHARACTERISTICS (VCC = 5 V
± 10%, TA = 0 to +70°C)
PARAMETER
SYMBOL
CONDITIONS
MIN.
MAX.
UNIT
NOTE
Input ‘High’ voltage
VIH
2.2
VCC + 0.3
V
Input ‘Low’ voltage
VIL
-0.3
0.8
V
Output ‘High’ voltage
VOH
IOH = -400
µA
2.4
V
Output ‘Low’ voltage
VOL
IOL = 2.0 mA
0.4
V
Input leakage current
| ILI |VIN = 0 V to VCC
10
µA
Output leakage current
| ILO |VOUT = 0 V to VCC
10
µA
1
Operating current
ICC1
tRC = 120 ns
80
mA
2
ICC2
tRC = 1 µs
70
Standby current
ISB1
CE = VIH
2mA
ISB2
CE = VCC - 0.2 V
100
µA
Input capacitance
CIN
f = 1 MHz, tA = 25°C
10
pF
Output capacitance
COUT
10
pF
NOTES:
1.
CE = VIH, OE = VIH
2.
VIN = VIH or VIL, CE = VIL, output is open
CMOS 24M (1.5M x 16) MROM
LH5324C00
3


Similar Part No. - LH5324C00

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5324000 SHARP-LH5324000 Datasheet
52Kb / 6P
   CMOS 24M (3M x 8) MROM
LH5324500 SHARP-LH5324500 Datasheet
58Kb / 7P
   CMOS 24M (3M x 8/1.5M x 16) MROM
LH5324P00A SHARP-LH5324P00A Datasheet
63Kb / 6P
   CMOS 24M (3M x 8/1.5M x 16) Mask-Programmable ROM
More results

Similar Description - LH5324C00

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5324500 SHARP-LH5324500 Datasheet
58Kb / 7P
   CMOS 24M (3M x 8/1.5M x 16) MROM
LH5324000 SHARP-LH5324000 Datasheet
52Kb / 6P
   CMOS 24M (3M x 8) MROM
LH5324P00A SHARP-LH5324P00A Datasheet
63Kb / 6P
   CMOS 24M (3M x 8/1.5M x 16) Mask-Programmable ROM
LH531024 SHARP-LH531024 Datasheet
72Kb / 7P
   CMOS 1M (64K x 16) MROM
LH532048 SHARP-LH532048 Datasheet
71Kb / 7P
   CMOS 2M (128K x 16) MROM
LH53B16R00 SHARP-LH53B16R00 Datasheet
57Kb / 6P
   CMOS 16M (1M x 16/512K x 32) MROM
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
LH532600 SHARP-LH532600 Datasheet
71Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
   CMOS 16M (2M x 8/1M x 16) MROM
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
   CMOS 2M (256K x 8/128K x 16) MROM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com