Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH5324C00 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LH5324C00
Description  CMOS 24M (1.5M x 16) MROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH5324C00 Datasheet(HTML) 6 Page - Sharp Corporation

  LH5324C00 Datasheet HTML 1Page - Sharp Corporation LH5324C00 Datasheet HTML 2Page - Sharp Corporation LH5324C00 Datasheet HTML 3Page - Sharp Corporation LH5324C00 Datasheet HTML 4Page - Sharp Corporation LH5324C00 Datasheet HTML 5Page - Sharp Corporation LH5324C00 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LH5324C00
Device Type
D
Package
5324C00-5
Example: LH5324C00D (CMOS (24M 1.5M x 16) Mask-Programmable ROM, 42-pin, 600-mil DIP)
CMOS 24M (1.5M x 16) Mask-Programmable ROM
42-pin, 600-mil DIP (DIP42-P-600)
ORDERING INFORMATION
13.45 [0.530]
12.95 [0.510]
0.90 [0.035] TYP.
5.40 [0.213]
4.80 [0.189]
3.55 [0.140]
2.95 [0.116]
2.54 [0.100]
TYP.
0.60 [0.024]
0.40 [0.016]
0.30 [0.012]
0.20 [0.008]
DETAIL
DIMENSIONS IN MM [INCHES]
54.10 [2.130]
53.50 [2.106]
0
° TO 15°
MAXIMUM LIMIT
MINIMUM LIMIT
4.55 [0.179]
3.95 [0.156]
15.24 [0.600]
TYP.
42DIP (DIP042-P-0600)
1
21
22
42
42DIP
PACKAGE DIAGRAM
LH5324C00
CMOS 24M (1.5M x 16) MROM
6


Similar Part No. - LH5324C00

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5324000 SHARP-LH5324000 Datasheet
52Kb / 6P
   CMOS 24M (3M x 8) MROM
LH5324500 SHARP-LH5324500 Datasheet
58Kb / 7P
   CMOS 24M (3M x 8/1.5M x 16) MROM
LH5324P00A SHARP-LH5324P00A Datasheet
63Kb / 6P
   CMOS 24M (3M x 8/1.5M x 16) Mask-Programmable ROM
More results

Similar Description - LH5324C00

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5324500 SHARP-LH5324500 Datasheet
58Kb / 7P
   CMOS 24M (3M x 8/1.5M x 16) MROM
LH5324000 SHARP-LH5324000 Datasheet
52Kb / 6P
   CMOS 24M (3M x 8) MROM
LH5324P00A SHARP-LH5324P00A Datasheet
63Kb / 6P
   CMOS 24M (3M x 8/1.5M x 16) Mask-Programmable ROM
LH531024 SHARP-LH531024 Datasheet
72Kb / 7P
   CMOS 1M (64K x 16) MROM
LH532048 SHARP-LH532048 Datasheet
71Kb / 7P
   CMOS 2M (128K x 16) MROM
LH53B16R00 SHARP-LH53B16R00 Datasheet
57Kb / 6P
   CMOS 16M (1M x 16/512K x 32) MROM
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
LH532600 SHARP-LH532600 Datasheet
71Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
   CMOS 16M (2M x 8/1M x 16) MROM
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
   CMOS 2M (256K x 8/128K x 16) MROM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com