Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-210VT Datasheet(PDF) 3 Page - Rohm

Part # SML-210VT
Description  Abundant color variations with diverse luminous intensity types
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-210VT Datasheet(HTML) 3 Page - Rohm

  SML-210VT Datasheet HTML 1Page - Rohm SML-210VT Datasheet HTML 2Page - Rohm SML-210VT Datasheet HTML 3Page - Rohm SML-210VT Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SML-212U2T(A)*
SML-212WT(A)*
Rank Reference of Brightness
Red (V, U)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Mini-mold
Chip LEDs 20125
0.8
SML-211UT
※/※1
SML-212VT
SML-210VT
Orange (D)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Mini-mold
Chip LEDs 20125
0.8
SML-211DT
※/※1
SML-212DT
SML-210DT
Yellow (Y, W)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Mini-mold
Chip LEDs 20125
0.8
SML-211YT
※/※1
SML-212YT
SML-211WT
※/※1
SML-210YT
Green (M, P)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
0.63 to 1.0 1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10
10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1800
Mini-mold
Chip LEDs 20125
0.8
SML-210PT
SML-210MT
*Please note that the brightness of some products may fall between ranks (half rank).
※Brightness on specification sheet include tolerance of within ± 10%. ※1 IF=2mA
Part No. Construction
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S M L
2 1 0 M
T T 8 6
Chip Special Code
Series name
Package name Chip Type
Emitting Color Resin Color
Taping Specifications
Rank sign (Brightness Rank)∗
V
U
0 Standard Type
Low Current Type
1
2 High Brightness Type
D
Y
M
P
T Transparent Colorless
Red:630nm
Red:620nm
Orange:605nm
W Yellow:590nm
Yellow:587(590)nm
Yellowish-Green:572nm
Green:560nm
T86
T87
Cathode at sprocket hole side
Reverse of T86
N
SML-21 Series
3/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.08 - Rev.B


Similar Part No. - SML-210VT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-210VT ROHM-SML-210VT Datasheet
653Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-210VT ROHM-SML-210VT Datasheet
95Kb / 5P
   Small, chip LEDs
logo
List of Unclassifed Man...
SML-210VT ETC1-SML-210VT Datasheet
106Kb / 2P
   LEDs, Surface Mount
logo
Rohm
SML-210VT ROHM-SML-210VT Datasheet
881Kb / 3P
   Mini-molded chip LEDs
SML-210VT ROHM-SML-210VT Datasheet
136Kb / 3P
   SML-21 Series
More results

Similar Description - SML-210VT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-H12M8TT86 ROHM-SML-H12M8TT86 Datasheet
1Mb / 8P
   Abundant color variations with diverse luminous intensity types.
SML-210VTT86 ROHM-SML-210VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-210VTT86 ROHM-SML-210VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-212VTT86 ROHM-SML-212VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-31 ROHM-SML-31 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-H12V8T ROHM-SML-H12V8T Datasheet
295Kb / 11P
   Abundant color variations
SML-521MDWT86 ROHM-SML-521MDWT86 Datasheet
588Kb / 10P
   Abundant 2 color variations
logo
Vishay Siliconix
TLHP42J2L1 VISHAY-TLHP42J2L1 Datasheet
109Kb / 5P
   Luminous intensity and color categorized
Rev. 1.3, 14-Oct-14
logo
OSRAM GmbH
LRTGFTM-S7T7-1-V7AW-29 OSRAM-LRTGFTM-S7T7-1-V7AW-29 Datasheet
403Kb / 24P
   luminous intensity
LUWG5AP-5D5E-BG-P4P6-LH OSRAM-LUWG5AP-5D5E-BG-P4P6-LH Datasheet
396Kb / 17P
   luminous intensity
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com