Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH538700A Datasheet(PDF) 2 Page - Sharp Corporation

Part # LH538700A
Description  CMOS 8M (1M x 8) MROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH538700A Datasheet(HTML) 2 Page - Sharp Corporation

  LH538700A Datasheet HTML 1Page - Sharp Corporation LH538700A Datasheet HTML 2Page - Sharp Corporation LH538700A Datasheet HTML 3Page - Sharp Corporation LH538700A Datasheet HTML 4Page - Sharp Corporation LH538700A Datasheet HTML 5Page - Sharp Corporation LH538700A Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
538700A-3
A3
A2
A1
A12
A11
A10
A9
A8
32
4
25
23
26
6
9
10
11
A7
A6
VCC
A4
18
19
20
13
21
D0
MEMORY
MATRIX
(1,048,576 x 8)
SENSE AMPLIFIER
OUTPUT BUFFER
16
5
GND
D1
D2
D3
D4
D5
D6
D7
17
14
15
8
27
A5 7
A13 28
CE
A0 12
COLUMN SELECTOR
CE
BUFFER
OE
BUFFER
A14 29
A15 3
22
TIMING
GENERATOR
A16 2
24
OE
A17 30
A18 31
A19 1
Figure 3. LH538700A Block Diagram
PIN DESCRIPTION
SIGNAL
PIN NAME
A0 – A19
Address input
D0 – D7
Data output
CE
Chip enable input
SIGNAL
PIN NAME
OE
Output enable input
VCC
Power supply (+5 V)
GND
Ground
LH538700A
PRELIMINARY
CMOS 8M MROM
2


Similar Part No. - LH538700A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH530800A SHARP-LH530800A Datasheet
61Kb / 6P
   CMOS 1M (128K x 8) MROM
LH530800A-Y SHARP-LH530800A-Y Datasheet
52Kb / 6P
   CMOS 1M (128K x 8) 3 V-Drive MROM
LH531000B SHARP-LH531000B Datasheet
51Kb / 6P
   CMOS 1M (128K x 8) MROM
LH531000B-S SHARP-LH531000B-S Datasheet
39Kb / 5P
   CMOS 1M (128K x 8) 3 V-Drive MROM
LH531024 SHARP-LH531024 Datasheet
72Kb / 7P
   CMOS 1M (64K x 16) MROM
More results

Similar Description - LH538700A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH530800A SHARP-LH530800A Datasheet
61Kb / 6P
   CMOS 1M (128K x 8) MROM
LH531V00 SHARP-LH531V00 Datasheet
60Kb / 6P
   CMOS 1M (128K x 8) MROM
LH531000B SHARP-LH531000B Datasheet
51Kb / 6P
   CMOS 1M (128K x 8) MROM
LH531024 SHARP-LH531024 Datasheet
72Kb / 7P
   CMOS 1M (64K x 16) MROM
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
   CMOS 16M (2M x 8/1M x 16) MROM
LH530800A-Y SHARP-LH530800A-Y Datasheet
52Kb / 6P
   CMOS 1M (128K x 8) 3 V-Drive MROM
LH531000B-S SHARP-LH531000B-S Datasheet
39Kb / 5P
   CMOS 1M (128K x 8) 3 V-Drive MROM
logo
SPANSION
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
logo
Sharp Corporation
LH53B16R00 SHARP-LH53B16R00 Datasheet
57Kb / 6P
   CMOS 16M (1M x 16/512K x 32) MROM
logo
Macronix International
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com