Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-E1 Datasheet(PDF) 3 Page - Rohm

Part # SML-E1
Description  EXCELEDTM series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-E1 Datasheet(HTML) 3 Page - Rohm

  SML-E1 Datasheet HTML 1Page - Rohm SML-E1 Datasheet HTML 2Page - Rohm SML-E1 Datasheet HTML 3Page - Rohm SML-E1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SML-E1 Series
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Mini-mold
Chip LEDs 1608
0.36
SML-E12V8W
SML-E12U8W
SML-E12UW
Rank Reference of Brightness
Red (V, U)
(Ta=25˚C, IF=20mA)
Orange (D)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Mini-mold
Chip LEDs 1608
0.36
SML-E12DW
SML-E12D8W
Yellow (Y)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Mini-mold
Chip LEDs 1608
0.36
SML-E12Y8W
Green (M, P, E)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
0.63 to 1.0 1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10
10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1800
Mini-mold
Chip LEDs 1608
0.36
SML-E12P8W
SMLE12EC6T
SML-E12M8W
Blue (B)
(Ta=25˚C, IF=5mA)
Package
size
(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
0.9 to 1.4 1.4 to 2.2 2.2 to 3.6 3.6 to 5.6 5.6 to 9.0 9 to 14
14 to 22 22 to 36 36 to 56 56 to 90 90 to 140 140 to 220 220 to 360 360 to 560 560 to 900
Mini-mold
Chip LEDs 1608
0.36
SMLE12BC7T
White (WB)
(Ta=25˚C, IF=5mA)
Package
size
(mm)
Luminous
Intensity
(mcd)
Height(mm)
P
Q
R
S
T
U
V
W
X1
X2
Y1
Y2
Z1
25 to 36
36 to 56
56 to 90 90 to 140 140 to 220 220 to 360 360 to 560 560 to 900 900 to 1100 1100 to 1400 1400 to 1800 1800 to 2200 2200 to 2800
Mini-mold
Chip LEDs 1608
0.36
SMLE12WBC7W
※Brightness on specification sheet include tolerance of within ± 10%.
Part No. Explanation
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S M L
E 1 2 M
T
P
T 8 6
Special Code will be applied for
Emitting color W/B/E series.
Chromaticity rank(for white LED)
“−” will be taken out for emitting color
W/B/E series.
Series name
Package name Element Type
Emitting Color Resin Color
Taping Specifications
Rank sign (Brightness Rank)∗
V
U
2 High Brightness Type
D
Y
M
P
B
WB
T TypeTransparent Colorless
W MilkyWhite
Red:630nm
Red:620nm
Orange:605nm
Yellow:587(590)nm
Yellowish-Green:572nm
Green:560nm
E Bluish-Green:527nm
Blue:470nm
White
T86
T87
1
Cathode at sprocket hole side
For white LED, cathode at sprocket hole side
Reverse of T86
3/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SML-E1

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-E1 ROHM-SML-E1 Datasheet
1Mb / 4P
   EXCELEDTM series Compact, Thin size (1.6횞0.8mm, t=0.36mm)
SML-E12 ROHM-SML-E12 Datasheet
34Kb / 1P
   Surface Mount Chip LEDs
SML-E12D8W ROHM-SML-E12D8W Datasheet
113Kb / 3P
   Standard Type
SML-E12D8W ROHM-SML-E12D8W Datasheet
1Mb / 4P
   EXCELEDTM series Compact, Thin size (1.6횞0.8mm, t=0.36mm)
SML-E12D8W ROHM-SML-E12D8W Datasheet
1Mb / 4P
   SML-E1 Series
More results

Similar Description - SML-E1

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLA12WBC7W1 ROHM-SMLA12WBC7W1 Datasheet
1Mb / 4P
   SML-A1 Series EXCELEDTM
SML-E1 ROHM-SML-E1_12 Datasheet
1Mb / 4P
   EXCELEDTM series Compact, Thin size (1.6횞0.8mm, t=0.36mm)
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com