Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-A12WBTT86P Datasheet(PDF) 3 Page - Rohm

Part # SML-A12WBTT86P
Description  Side-view type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-A12WBTT86P Datasheet(HTML) 3 Page - Rohm

  SML-A12WBTT86P Datasheet HTML 1Page - Rohm SML-A12WBTT86P Datasheet HTML 2Page - Rohm SML-A12WBTT86P Datasheet HTML 3Page - Rohm SML-A12WBTT86P Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SML-A1 Series
Rank Reference of Brightness
Red (V, U)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Side View
Chip LEDs 16115
0.55
SML-A12V8T
SML-A12U8T
SML-A12UT
Orange (D)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Side View
Chip LEDs 16115
0.55
SML-A12D8T
SML-A12DT
Yellow (Y)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Side View
Chip LEDs 16115
0.55
SML-A12Y8T
SML-A12WT
Green (M, P)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Side View
Chip LEDs 16115
0.55
SML-A12MT
SML-A12M8T
SML-A12P8T
Blue (B)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
0.9 to 1.4 1.4 to 2.2 2.2 to 3.6 3.6 to 5.6 5.6 to 9.0 9 to 14
14 to 22 22 to 36 36 to 56 56 to 90 90 to 140 140 to 220 220 to 360 360 to 560 560 to 900
Side View
Chip LEDs 16115
0.55
SMLA12BC7T
※2
SMLA13BDT
White (WB)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
P
Q
R
S
T
U
V
W
X1
X2
Y1
Y2
Z1
25 to 36 36 to 56 56 to 90 90 to 140 140 to 220 220 to 360 360 to 560 560 to 900 900 to 1100 1100 to 1400 1400 to 1800 1800 to 2200 2200 to 2800
Side View
Chip LEDs 16115
0.55
SMLA12WBC7W
※2
SMLA13WBDW
※1
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
※Brightness on specification sheet include tolerance of within ± 10%.
※1:IF=10mA ※2:IF=5mA
Part No. Construction
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S M L
A 1 2 U 8 T
J
T 8 6
Dice classification code
(Special classification code)
“−” will be taken out for emitting color
W/B/E series.
Series name
Package type
Chip Type
Emitting Color Resin Color
Taping Specifications
Rank sign (Brightness Rank)∗
V
U
2 High Brightness Type
3 Ultra High Brightness Type
D
Y
M
P
B
WB
T Transparent Colorless
W MilkyWhite
P
Chromaticity rank(for white LED)
Red:630nm
Red:620(624)nm
Orange:605(606)nm
Yellow:587(590)nm
W Yellow:590nm
Yellowish-Green:572nm
Green:560nm
Blue:470nm
White
T86
T87
1
Cathode at sprocket hole side
For white LED, cathode at sprocket hole side
Reverse of T86
3/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SML-A12WBTT86P

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-A12WT ROHM-SML-A12WT Datasheet
450Kb / 3P
   High Brightness Type Side view chip LEDs
SML-A12WT ROHM-SML-A12WT Datasheet
123Kb / 3P
   Side View Chip LEDs
SML-A12WT ROHM-SML-A12WT Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12WT ROHM-SML-A12WT Datasheet
1Mb / 4P
   SML-A1 Series EXCELEDTM
SML-A12WT ROHM-SML-A12WT Datasheet
325Kb / 13P
   Compact size side-view LEDs
More results

Similar Description - SML-A12WBTT86P

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM-20PBM ROHM-RPM-20PBM Datasheet
75Kb / 4P
   Phototransistor, side view type
RPM-22PB ROHM-RPM-22PB_10 Datasheet
138Kb / 3P
   Phototransistor, side view type
RPM-20PB ROHM-RPM-20PB Datasheet
61Kb / 3P
   Phototransistor, side view type
RPM-25PT ROHM-RPM-25PT Datasheet
61Kb / 3P
   Phototransistor, side view type
RPM-22PB ROHM-RPM-22PB Datasheet
62Kb / 3P
   Phototransistor, side view type
SML-11_1012 ROHM-SML-11_1012 Datasheet
902Kb / 4P
   Side-view with reflector type
SML-C1 ROHM-SML-C1 Datasheet
1Mb / 3P
   Side-view with reflector type
logo
Seoul Semiconductor
SMFB07 SEOUL-SMFB07 Datasheet
1Mb / 17P
   Side View LED Of Reflector Type
logo
Rohm
SML-A10 ROHM-SML-A10 Datasheet
314Kb / 3P
   Standard Type Side view chip LEDs
logo
Seoul Semiconductor
SMDB05V SEOUL-SMDB05V Datasheet
1Mb / 19P
   Side View LED Of Reflector Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com