Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-A12DWT86P Datasheet(PDF) 1 Page - Rohm

Part # SML-A12DWT86P
Description  Side-view type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-A12DWT86P Datasheet(HTML) 1 Page - Rohm

  SML-A12DWT86P Datasheet HTML 1Page - Rohm SML-A12DWT86P Datasheet HTML 2Page - Rohm SML-A12DWT86P Datasheet HTML 3Page - Rohm SML-A12DWT86P Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1.2
1.2
1.6
1.1
Terminal
Cathode INDEX
Tolerance : ±0.1
(unit : mm)
(unit : mm)
SML-A1 Series
EXCELEDTM
Features
・Side-view type
・1.6×1.15mm, t=0.55mm
1611(0605)
1.6×1.15mm(t=0.55mm)
Color
Type
V
U
D
W
Y
M
P
B
WB
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV
Typ.
(V) IF(mA)
Max.
(μA) VR(V)
Min.*
2
(nm)
Typ.
(nm)
Max.*
2
(nm) IF(mA)
Min.
(mcd)
Typ.
(mcd) IF(mA)
SML-A12V8T
AIGaInP
on GaAs
Red
54
20
100*1
5
-40 to +85
-40 to +100
2.2
20
10
5
625
630
635
20
16
40
20
SML-A12U8T
615
620
625
25
63
SML-A12UT(J)
75
30
2.0
619
624
629
36
100
SML-A12D8T
Orange
54
20
2.2
602
605
608
40
SML-A12DT(J)
75
30
2.0
606
609
36
SML-A12WT(J)
Yellow
587
590
593
63
SML-A12Y8T
54
20
2.2
25
SML-A12M8T
Yellowish
Green
569
572
575
10
25
SML-A12MT(J)
65
25
-30 to +85
-40 to +85
2.1
100
567
570
573
14
40
SML-A12P8T
Green
54
20
-40 to +85
-40 to +100
2.2
10
557
560
563
2.5
6.3
SMLA12BC7T
InGaN
Blue
66
20
100*1
5
-40 to +85
-40 to +100
2.9
5
100
5
465
470
475
5
5.6
16
5
SMLA13BDT
84
-30 to +85
3.2
20
464
476
20
56
140
20
SMLA12WBC7W
White
66
-40 to +85
2.9
5
10
(x, y) (0.30,0.30)
5
22
56
5
SMLA13WBDW
74
3.1
10
(x, y) (0.31,0.31)
10
90
180
10
*1:Duty1/10, 1kHz / *2:Reference
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
X - Y
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
X’ - Y’
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
X - Y
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
X - Y
SML-A12 Series / SML-A12□8T Series / SMLA12 Series
SMLA13 Series
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
A13WBDW
A13BDT
A13WBDW
A13BDT
A12BC7T
A12□8T
A12WBC7W
Specifications
Dimensions
Recommended Solder Pattern Viewing Angle
*EXCELEDTM is ROHM's pending tradmark.
1/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SML-A12DWT86P

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-A12D8T ROHM-SML-A12D8T Datasheet
111Kb / 3P
   Side View Chip LEDs
SML-A12D8T ROHM-SML-A12D8T Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12D8T ROHM-SML-A12D8T Datasheet
1Mb / 4P
   SML-A1 Series EXCELEDTM
SML-A12D8T ROHM-SML-A12D8T Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12D8T ROHM-SML-A12D8T Datasheet
1Mb / 4P
   Compact size side-view LEDs
More results

Similar Description - SML-A12DWT86P

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM-20PBM ROHM-RPM-20PBM Datasheet
75Kb / 4P
   Phototransistor, side view type
RPM-22PB ROHM-RPM-22PB_10 Datasheet
138Kb / 3P
   Phototransistor, side view type
RPM-20PB ROHM-RPM-20PB Datasheet
61Kb / 3P
   Phototransistor, side view type
RPM-25PT ROHM-RPM-25PT Datasheet
61Kb / 3P
   Phototransistor, side view type
RPM-22PB ROHM-RPM-22PB Datasheet
62Kb / 3P
   Phototransistor, side view type
SML-11_1012 ROHM-SML-11_1012 Datasheet
902Kb / 4P
   Side-view with reflector type
SML-C1 ROHM-SML-C1 Datasheet
1Mb / 3P
   Side-view with reflector type
logo
Seoul Semiconductor
SMFB07 SEOUL-SMFB07 Datasheet
1Mb / 17P
   Side View LED Of Reflector Type
logo
Rohm
SML-A10 ROHM-SML-A10 Datasheet
314Kb / 3P
   Standard Type Side view chip LEDs
logo
Seoul Semiconductor
SMDB05V SEOUL-SMDB05V Datasheet
1Mb / 19P
   Side View LED Of Reflector Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com