Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC858C Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BC858C
Description  PNP Small Signal Transistor 310mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC858C Datasheet(HTML) 1 Page - Micro Commercial Components

  BC858C Datasheet HTML 1Page - Micro Commercial Components BC858C Datasheet HTML 2Page - Micro Commercial Components BC858C Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ideally Suited for Automatic Insertion
150
oC Junction Temperature
For Switching and AF Amplifier Applications
Mechanical Data
Case: SOT-23, Molded Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.008 grams ( approx.)
Type
Marking
Type
Marking
BC856A
3A
BC857C
3G
BC856B
3B
BC858A
3J
BC857A
3E
BC858B
3K
BC857B
3F
BC858C
3L
Marking Code (Note 2)
Maximum Ratings @ 25
oC Unless Otherwise Specified
Charateristic
Symbol
Value
Unit
Collector-Base Voltage
BC856
BC857
BC858
VCBO
-80
-50
-30
V
Collector-Emitter Voltage
BC856
BC857
BC858
VCEO
-65
-45
-30
V
Emitter-Base Voltage
V EBO
-5.0
V
Collector Current
IC
-100
m A
Peak Collector Current
ICM
-200
m A
Peak Emitter Current
IEM
-200
m A
Power Dissipation@Ts=50
oC(Note1)
P d
310
mW
Operating & Storage Temperature
Tj, TSTG -55~150
oC
Note: 1. Package mounted on ceramic substrate 0.7mm X 2.5cm2 area.
2.
Current gain subgroup “ C” is not available for BC856
BC856A
THRU
BC858C
PNP Small
Signal Transistor
310mW
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
SOT-23
Revision: A
2011/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
E
B
C
Features
www.mccsemi.com
1 of 3
K
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1


Similar Part No. - BC858C

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BC858C DIOTEC-BC858C Datasheet
145Kb / 2P
   SMD General Purpose PNP Transistors
logo
Transys Electronics
BC858C TRSYS-BC858C Datasheet
363Kb / 3P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Pan Jit International I...
BC858C PANJIT-BC858C Datasheet
97Kb / 4P
   PNP GENERAL PURPOSE TRANSISTORS
logo
Central Semiconductor C...
BC858C CENTRAL-BC858C Datasheet
331Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Shenzhen Luguang Electr...
BC858C LUGUANG-BC858C Datasheet
2Mb / 4P
   PNP general purpose Transistor
More results

Similar Description - BC858C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC856A MCC-BC856A Datasheet
106Kb / 2P
   PNP Small Signal Transistor 310mW
BC846A MCC-BC846A Datasheet
105Kb / 2P
   NPN Small Signal Transistor 310mW
BC817-16 MCC-BC817-16_08 Datasheet
243Kb / 4P
   NPN Small Signal Transistor 310mW
BC817-16 MCC-BC817-16 Datasheet
255Kb / 3P
   NPN Small Signal Transistor 310mW
BC817-16 MCC-BC817-16_13 Datasheet
466Kb / 4P
   NPN Small Signal Transistor 310mW
BC817-16 MCC-BC817-16_11 Datasheet
384Kb / 4P
   NPN Small Signal Transistor 310mW
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
   PNP Small Signal Transistor
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
   PNP Small Signal Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com