Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH540215 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LH540215
Description  512 x 18 / 1024 x 18 Synchronous FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540215 Datasheet(HTML) 1 Page - Sharp Corporation

  LH540215 Datasheet HTML 1Page - Sharp Corporation LH540215 Datasheet HTML 2Page - Sharp Corporation LH540215 Datasheet HTML 3Page - Sharp Corporation LH540215 Datasheet HTML 4Page - Sharp Corporation LH540215 Datasheet HTML 5Page - Sharp Corporation LH540215 Datasheet HTML 6Page - Sharp Corporation LH540215 Datasheet HTML 7Page - Sharp Corporation LH540215 Datasheet HTML 8Page - Sharp Corporation LH540215 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
LH540215/25
512
× 18 / 1024 × 18 Synchronous FIFO
FEATURES
•• Fast Cycle Times: 20/25/35 ns
•• Pin-Compatible Drop-In Replacements for
IDT72215B/25B FIFOs
•• Choice of IDT-Compatible or Enhanced Operating
Mode; Selected by an Input Control Signal
•• Device Comes Up into One of Two Known Default
States at Reset Depending on the State of the
EMODE Control Input: Programming is Allowed, but
is not Required
•• Internal Memory Array Architecture Based on CMOS
Dual-Port SRAM Technology, 512
× 18 or 1024 × 18
•• ‘Synchronous’ Enable-Plus-Clock Control at Both
Input Port and Output Port
•• Independently-Synchronized Operation of Input Port
and Output Port
•• Control Inputs Sampled on Rising Clock Edge
•• Most Control Signals Assertive-LOW for
Noise Immunity
•• May be Cascaded for Increased Depth, or
Paralleled for Increased Width
•• Five Status Flags: Full, Almost-Full, Half-Full,
Almost-Empty, and Empty; ‘Almost’ Flags are
Programmable
•• In Enhanced Operating Mode, Almost-Full,
Half-Full, and Almost-Empty Flags can be Made
Completely Synchronous
•• In Enhanced Operating Mode, Duplicate Enables
for Interlocked Paralleled FIFO Operation, for
36-Bit Data Width, when Selected and
Appropriately Connected
•• In Enhanced Operating Mode, Disabling
Three-State Outputs May be Made to Suppress
Reading
•• Data Retransmit Function
•• TTL/CMOS-Compatible I/O
•• Space-Saving 68-Pin PLCC Package, and 64-Pin
TQFP Package
RESET
LOGIC
INPUT
PORT
RS
INPUT
PORT
CONTROL
LOGIC
READ
POINTER
WRITE
POINTER
DEDICATED AND
PROGRAMMABLE
STATUS FLAGS
FIFO
MEMORY ARRAY
512 x 18/1024 x 18
OUTPUT
PORT
CONTROL
LOGIC
FF
PAF
WXO/HF
RXO
/EF2
PAE
D0 - D17
WEN
WCK
Q0 - Q17
RCK
OUTPUT
PORT
REN
OE
PROGRAMMABLE
REGISTERS
EXPANSION
LOGIC
WXI/
WEN2
FL/
RT
WXO/HF
RXI/
REN2
RXO/
EF2
LD
540215-1
WXI/
WEN2
RXI/
REN2
BOLD ITALIC = Enhanced Operating Mode.
EMODE
EF
Figure 1.
LH540215/25 Block Diagram
BOLD ITALIC = Enhanced Operating Mode
1


Similar Part No. - LH540215

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540215

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Sharp Corporation
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
   1024 x 36 Synchronous FIFO
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com