Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8M51 Datasheet(PDF) 8 Page - Rohm

Part # SP8M51
Description  4V Drive Nch Pch MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8M51 Datasheet(HTML) 8 Page - Rohm

Back Button SP8M51 Datasheet HTML 3Page - Rohm SP8M51 Datasheet HTML 4Page - Rohm SP8M51 Datasheet HTML 5Page - Rohm SP8M51 Datasheet HTML 6Page - Rohm SP8M51 Datasheet HTML 7Page - Rohm SP8M51 Datasheet HTML 8Page - Rohm SP8M51 Datasheet HTML 9Page - Rohm SP8M51 Datasheet HTML 10Page - Rohm SP8M51 Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
SP8M51
 
10
100
1000
0.1
1
10
V
GS= -4.0V
Pulsed
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=
-25°C
Fig.7 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅳ)
DRAIN-CURRENT :
-I
D[A]
0.1
1
10
0.01
0.1
1
10
V
DS= -10V
Pulsed
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=
-25°C
Fig.8 Forward Transfer Admittance
vs. Drain Current
DRAIN-CURRENT :
-I
D[A]
0.01
0.1
1
10
0
0.5
1
1.5
V
GS=0V
Pulsed
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=
-25°C
Fig.9 Reverse Drain Current
vs. Sourse-Drain Voltage
SOURCE-DRAIN VOLTAGE :
-V
SD [V]
0
100
200
300
400
500
0
5
10
15
I
D= -1.25A
I
D= -2.50A
Ta=25
°C
Pulsed
Fig.10 Static Drain-Source On-State
Resistance vs. Gate Source Voltage
GATE-SOURCE VOLTAGE :
-V
GS[V]
1
10
100
1000
10000
0.01
0.1
1
10
t
f
t
d(on)
t
d(off)
T
a=25°C
V
DD= -50V
V
GS= -10V
R
G=10Ω
Pulsed
t
r
Fig.11 Switching Characteristics
DRAIN-CURRENT :
-I
D[A]
0
2
4
6
8
10
0
5
10
15
20
25
30
T
a=25°C
V
DD= -50V
I
D= -2.5A
R
G=10Ω
Pulsed
Fig.12 Dynamic Input Characteristics
TOTAL GATE CHARGE : Qg [nC]
8/10
2011.02 - Rev.A


Similar Part No. - SP8M51

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8M51FRA ROHM-SP8M51FRA Datasheet
4Mb / 22P
   100V NchPch Power MOSFET
SP8M51TB1 ROHM-SP8M51TB1 Datasheet
296Kb / 1P
   4V Drive NchPch MOSFET
More results

Similar Description - SP8M51

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8M2 ROHM-SP8M2 Datasheet
74Kb / 4P
   4V Drive Nch Pch MOSFET
SH8M2 ROHM-SH8M2_09 Datasheet
168Kb / 4P
   4V Drive NchPch MOSFET
SH8M4 ROHM-SH8M4_09 Datasheet
187Kb / 6P
   4V Drive NchPch MOSFET
SH8M24 ROHM-SH8M24_09 Datasheet
168Kb / 4P
   4V Drive NchPch MOSFET
QS8M12TCR ROHM-QS8M12TCR Datasheet
743Kb / 11P
   4V Drive Nch Pch MOSFET
QS8M51 ROHM-QS8M51 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
SH8M12 ROHM-SH8M12 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
QS8M11 ROHM-QS8M11 Datasheet
1Mb / 9P
   4V Drive Nch Pch MOSFET
QS8M12 ROHM-QS8M12 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
TT8M11 ROHM-TT8M11 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com