Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH543601M-30 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LH543601M-30
Description  256 x 36 x 2 Bidirectional FIFO
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH543601M-30 Datasheet(HTML) 1 Page - Sharp Corporation

  LH543601M-30 Datasheet HTML 1Page - Sharp Corporation LH543601M-30 Datasheet HTML 2Page - Sharp Corporation LH543601M-30 Datasheet HTML 3Page - Sharp Corporation LH543601M-30 Datasheet HTML 4Page - Sharp Corporation LH543601M-30 Datasheet HTML 5Page - Sharp Corporation LH543601M-30 Datasheet HTML 6Page - Sharp Corporation LH543601M-30 Datasheet HTML 7Page - Sharp Corporation LH543601M-30 Datasheet HTML 8Page - Sharp Corporation LH543601M-30 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
LH543601
256
× 36 × 2 Bidirectional FIFO
FEATURES
Fast Cycle Times: 20/25/30/35 ns
Pin-Compatible and Functionally-Compatible
0.7
µ-Technology Replacement for Sharp LH5420
Two 256 × 36-bit FIFO Buffers
Full 36-bit Word Width
Selectable 36/18/9-bit Word Width on Port B
Independently-Synchronized (‘Fully-Asynchronous’)
Operation of Port A and Port B
‘Synchronous’ Enable-Plus-Clock Control at
Both Ports
R/W, Enable, Request, and Address Control Inputs
are Sampled on the Rising Clock Edge
Synchronous Request/Acknowledge ‘Handshake’
Capability; Use is Optional
Device Comes Up Into a Known Default State at
Reset; Programming is Allowed, but is not Required
Asynchronous Output Enables
Five Status Flags per Port: Full, Almost-Full,
Half-Full, Almost-Empty, and Empty
Almost-Full Flag and Almost-Empty Flag are
Programmable
Mailbox Registers with Synchronized Flags
Data-Bypass Function
Data-Retransmit Function
Automatic Byte Parity Checking
8 mA-IOL High-Drive Three-State Outputs with
Built-In Series Resistor
TTL/CMOS-Compatible I/O
Space-Saving PQFP and TQFP Packages
PQFP to PGA Package Conversion 1
FUNCTIONAL DESCRIPTION
The LH543601 contains two FIFO buffers, FIFO #1
and FIFO #2. These operate in parallel, but in opposite
directions, for bidirectional data buffering. FIFO #1 and
FIFO #2 each are organized as 256 by 36 bits. The
LH543601 is ideal either for wide unidirectional applica-
tions or for bidirectional data applications; component
count and board area are reduced.
The LH543601 has two 36-bit ports, Port A and Port B.
Each port has its own port-synchronous clock, but the two
ports may operate asynchronously relative to each other.
Data flow is initiated at a port by the rising edge of the
appropriate clock; it is gated by the corresponding edge-
sampled enable, request, and read/write control signals.
At the maximum operating frequency, the clock duty cycle
may vary from 40% to 60%. At lower frequencies, the
clock waveform may be quite asymmetric, as long as the
minimum pulse-width conditions for clock-HIGH and
clock-LOW remain satisfied; the LH543601 is a fully-static
part.
Conceptually, the port clocks CKA and CKB are free-
running, periodic ‘clock’ waveforms, used to control other
signals which are edge-sensitive. However, there actually
is not any absolute requirement that these ‘clock’ wave-
forms
must be periodic. An ‘asynchronous’ mode of
operation is possible, in one or both directions, inde-
pendently, if the appropriate enable and request inputs
are continuously asserted, and enough aperiodic ‘clock’
pulses of suitable duration are generated by external logic
to cause all necessary actions to occur.
A synchronous request/acknowledge handshake
facility is provided at each port for FIFO data access. This
request/ acknowledge handshake resolves FIFO full and
empty boundary conditions, when the two ports are op-
erated asynchronously relative to each other.
FIFO status flags monitor the extent to which each
FIFO buffer has been filled. Full, Almost-Full, Half-Full,
Almost-Empty, and Empty flags are included for
each
FIFO. The Almost-Full and Almost-Empty flags are pro-
grammable over the entire FIFO depth, but are automat-
ically initialized to eight locations from the respective FIFO
boundaries at reset. A data block of 256 or fewer words
may be retransmitted any desired number of times.
NOTE:
1. For PQFP-to-PGA conversion for thru-hole board designs, Sharp
recommends ITT Pomona Electronics’ SMT/PGA Generic
Converter model #5853.® This converter maps the LH543601
132-pin PQFP to a generic 13
× 13, 132-pin PGA (100-mil
pitch). For more information, contact Sharp or ITT Pomona
Electronics at 1500 East Ninth Street, Pomona, CA 91766,
(909) 469-2900.
1


Similar Part No. - LH543601M-30

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
   1024 x 36 Synchronous FIFO
LH543621 SHARP-LH543621 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
More results

Similar Description - LH543601M-30

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5420 SHARP-LH5420 Datasheet
2Mb / 35P
   256 x 36 x 2 Bidirectional FIFO
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com