Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH543601M-35 Datasheet(PDF) 9 Page - Sharp Corporation

Part # LH543601M-35
Description  256 x 36 x 2 Bidirectional FIFO
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH543601M-35 Datasheet(HTML) 9 Page - Sharp Corporation

Back Button LH543601M-35 Datasheet HTML 5Page - Sharp Corporation LH543601M-35 Datasheet HTML 6Page - Sharp Corporation LH543601M-35 Datasheet HTML 7Page - Sharp Corporation LH543601M-35 Datasheet HTML 8Page - Sharp Corporation LH543601M-35 Datasheet HTML 9Page - Sharp Corporation LH543601M-35 Datasheet HTML 10Page - Sharp Corporation LH543601M-35 Datasheet HTML 11Page - Sharp Corporation LH543601M-35 Datasheet HTML 12Page - Sharp Corporation LH543601M-35 Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
AC ELECTRICAL CHARACTERISTICS
1 (VCC = 5 V ± 10%, TA = 0°C to 70°C)
SYMBOL
DECRIPTION
–20
–25
–30
–35
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fCC
Clock Cycle Frequency
50
40
33
28.5
MHz
tCC
Clock Cycle Time
20
25
30
35
ns
tCH
Clock HIGH Time
8
10
12
15
ns
tCL
Clock LOW Time
8
10
12
15
ns
tDS
Data Setup Time
10
12
13
15
ns
tDH
Data Hold Time
0—0—0—0
ns
tES
Enable Setup Time
10.4
13
15
15
ns
tEH
Enable Hold Time
0—0—0—0
ns
tRWS
Read/Write Setup Time
10.4
13
15
18
ns
tRWH
Read/Write Hold Time
0—0—0—0
ns
tRQS
Request Setup Time
12
15
18
21
ns
tRQH
Request Hold Time
0—0—0—0
ns
tAS
Address Setup Time
6
12
—15—18—21
ns
tAH
Address Hold Time
6
0—0—0—0
ns
tA
Data Output Access Time
12.8
16
20
25
ns
tACK
Acknowledge Access Time
12
15
20
25
ns
tOH
Output Hold Time
2.0
2.0
2.0
2.0
ns
tZX
Output Enable Time, OE LOW to D0
– D35 Low-Z
2
1.5
2.0
3.0
3.0
ns
tXZ
Output Disable Time, OE HIGH to
D0 – D35 High-Z
2
9
12—15—
20
ns
tEF
Clock to EF Flag Valid (Empty Flag)
17.6
22
25
30
ns
tFF
Clock to FF Flag Valid (Full Flag)
17.6
22
25
30
ns
tHF
Clock to HF Flag Valid (Half-Full)
17.6
22
25
30
ns
tAE
Clock to AE Flag Valid (Almost-
Empty)
—16—20—25—
30
ns
tAF
Clock to AF Flag Valid (Almost-Full)
16
20
25
30
ns
tMBF
Clock to MBF Flag Valid (Mailbox
Flag)
—12—15—20—
25
ns
tPF
Data to Parity Flag Valid
13.6
17
20
25
ns
tRS
Reset/Retransmit Pulse Width
7
32/20
40/25
52/30
65/35
ns
tRSS
Reset/Retransmit Setup Time
3
16
—20—25—30
ns
tRSH
Reset/Retransmit Hold Time
3
8
10—15—20
ns
tRF
Reset LOW to Flag Valid
28
35
40
45
ns
tFRL
First Read Latency
4
20
—25—30—35
ns
tFWL
First Write Latency
5
20
—25—30—35
ns
tBS
Bypass Data Setup
12
15
18
21
ns
tBH
Bypass Data Hold
3—5—5—5
ns
tBA
Bypass Data Access
18
20
25
30
ns
NOTES:
1.
Timing measurements performed at ‘AC Test Condition’ levels.
2.
Values are guaranteed by design; not currently production tested.
3.
tRSS and/or tRSH need not be met unless a rising edge of CKA occurs while ENA is being asserted, or else a rising edge of CKB occurs while
ENB is being asserted.
4.
tFRL is the minimum first-write-to-first-read delay, following an empty condition, which is required to assure valid read data.
5.
tFWL is the minimum first-read-to-first-write delay, following a full condtion, which is required to assure successful writing of data.
256
× 36 × 2 Bidirectional FIFO
LH543601
9


Similar Part No. - LH543601M-35

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
   1024 x 36 Synchronous FIFO
LH543621 SHARP-LH543621 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
More results

Similar Description - LH543601M-35

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5420 SHARP-LH5420 Datasheet
2Mb / 35P
   256 x 36 x 2 Bidirectional FIFO
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com