Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGP1C335M8R Datasheet(PDF) 6 Page - Rohm

Part # TCFGP1C335M8R
Description  Chip tantalum capacitors (Fail-safe open structure type)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGP1C335M8R Datasheet(HTML) 6 Page - Rohm

  TCFGP1C335M8R Datasheet HTML 1Page - Rohm TCFGP1C335M8R Datasheet HTML 2Page - Rohm TCFGP1C335M8R Datasheet HTML 3Page - Rohm TCFGP1C335M8R Datasheet HTML 4Page - Rohm TCFGP1C335M8R Datasheet HTML 5Page - Rohm TCFGP1C335M8R Datasheet HTML 6Page - Rohm TCFGP1C335M8R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6/6
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.01 - Rev.F
Data Sheet
TCFG Series P Case
Packaging specifications
φ1.5 +0.1
t1
t2
Products
Pull out direction
4.0 0.1
B
4.0 0.1
2.0 0.05
A
Taping
− 0
P Case
+−
+−
+−
Case code
A
±0.1
B
±0.1
t1
±0.05
t2
±0.1
P (2012)
1.55
2.3
0.25
1.5
Packaging style
Case size
Packaging
Packaging style
Symbol
Basic ordering unit
Taping
Plastic taping
φ180mm reel
R
2,000
P Case
11.4 1.0
Label sticking position
Reel
Plastic reel
EIAJ ET - 7200B
+−


Similar Part No. - TCFGP1C335M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGP1C335M8R ROHM-TCFGP1C335M8R Datasheet
138Kb / 14P
   Chip tantalum capacitors with open-function built-in
TCFGP1C335M8R ROHM-TCFGP1C335M8R Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGP1C335M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_12 Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com