Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH540235M-35 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LH540235M-35
Description  2048 x 18 / 4096 x 18 Synchronous FIFOs
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540235M-35 Datasheet(HTML) 2 Page - Sharp Corporation

  LH540235M-35 Datasheet HTML 1Page - Sharp Corporation LH540235M-35 Datasheet HTML 2Page - Sharp Corporation LH540235M-35 Datasheet HTML 3Page - Sharp Corporation LH540235M-35 Datasheet HTML 4Page - Sharp Corporation LH540235M-35 Datasheet HTML 5Page - Sharp Corporation LH540235M-35 Datasheet HTML 6Page - Sharp Corporation LH540235M-35 Datasheet HTML 7Page - Sharp Corporation LH540235M-35 Datasheet HTML 8Page - Sharp Corporation LH540235M-35 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
FUNCTIONAL DESCRIPTION
NOTE: Throughout this data sheet, a
BOLD ITALIC type
font is used for all references to
Enhanced Operating
Mode features which do not function in IDT-Compatible
Operating Mode; and also for all references to the
re-
transmit facility (which is not an IDT72235B/45B FIFO
feature), even though it may be used – subject to some
restrictions – in either of these two operating modes.
Thus, readers interested only in using the LH540235/45
FIFOs in IDT-Compatible Operating Mode may skip over
BOLD ITALIC sections, if they wish.
The LH540235/45 parts are FIFO (First-In, First-Out)
memory devices, based on fully-static CMOS dual-port
SRAM technology, capable of containing up to 2048 or 4096
18-bit words respectively. They can replace two or more
byte-wide FIFOs in many applications, for microprocessor-
to-microprocessor or microprocessor-to-bus communica-
tion. Their architecture supports synchronous operation, tied
to two independent free-running clocks at the input and
output ports respectively. However, these ‘clocks’ also may
be aperiodic, asynchronous ‘demand’ signals. Almost all
control-input signals and status-output signals are synchro-
nized to these clocks, to simplify system design.
The input and output ports operate altogether inde-
pendently of each other, unless the FIFO becomes either
totally full or else totally empty. Data flow is initiated at a
port by the rising edge of its corresponding clock, and is
gated by the appropriate edge-sampled enable signals.
The following FIFO status flags monitor the extent to
which the internal memory has been filled: Full, Almost-
Full, Half-Full, Almost-Empty, and Empty. The Almost-Full
and Almost-Empty flag offsets are programmable over the
entire FIFO depth; but, during a reset operation, each of
these is initialized to a default offset value of 12710
FIFO-memory words, from the respective FIFO boundary.
If this default offset value is satisfactory, no further pro-
gramming is required.
After a reset operation during which the
EMODE control
input was not asserted (was HIGH), these FIFOs operate
in the IDT-Compatible Operating Mode. In this mode,
each part is pin-compatible and functionally-compatible
with the IDT72235B/45B part of similar depth and speed
grade; and the
Control Register is not even accessible
or visible to the external-system logic which is controlling
the FIFO, although it still performs the same control
functions.
However, assertion of the EMODE control input
during a reset operation leaves Control Register bits
00-05 set, and causes the FIFO to operate in the
Enhanced Operating Mode. In essence, asserting
EMODE chooses a different default state for the Con-
trol Register. The system optionally then may pro-
gram the Control Register in any desired manner to
activate or deactivate any or all of the Enhanced-Op-
erating-Mode features which it can control, including
selectable-clock-edge flag synchronization, and read
inhibition when the data outputs are disabled.
Whenever EMODE is being asserted, interlocked-
operation paralleling also is available, by appropriate
interconnection of the FIFO’s expansion inputs.
The retransmit facility is available during standalone
operation, in either IDT-Compatible Operating Mode or
Enhanced Operating Mode (see Tables 1 and 2). It is
inoperative if the FL/
RT input signal is grounded. It is not
an IDT72235B/45B feature.
The Retransmit control
signal causes the internal FIFO read-address pointer
to be set back to zero, without affecting the internal
FIFO write-address pointer. Thus, the Retransmit
control signal also provides a mechanism whereby a
block of data delimited by the zero physical address
and the current write-address-pointer address may
be read out repeatedly, an arbitrary number of times.
The only restrictions are that neither the read-ad-
dress pointer nor the write-address pointer may
‘wrap around’ during this entire process, and that the
retransmit facility is not available during depth-cas-
caded operation, either in IDT-Compatible Operating
Mode or in Enhanced Operating Mode (see Tables 1
and 2). Also, the flags behave differently for a short
time after a retransmit operation. Otherwise, the re-
transmit facility is available during standalone opera-
tion, in either IDT-Compatible Operating Mode or
Enhanced Operating Mode.
Note that, when FL/RT is being used as RT, RT is
an assertive-HIGH signal, rather than assertive-LOW
as it is in most other FIFOs having a retransmit
facility.
Programming the programmable-flag offsets,
the tim-
ing synchronization of the various status flags, the
optional read-suppression functionality of OE, and
the behavior of the pointers which access the offset-
value registers and the Control Register may be indi-
vidually controlled by asserting the signal LD, without any
reset operation. When LD is being asserted, and writing
is being enabled by asserting WEN, some portion of the
input bus word D0 – D17 is used at the next rising edge of
WCLK to program one or more of the programmable
registers on successive write clocks. Likewise, the values
programmed into these programmable registers may be
read out for verification by asserting LD and REN, with
the outputs Q0 – Q17 enabled. Reading out these pro-
grammable registers should not be initiated while they are
being written into. Table 3 defines the possible modes of
operation for loading and reading out the contents of
programmable registers.
BOLD ITALIC = Enhanced Operating Mode
LH540235/45
2048 x 18/4096 x 18 Synchronous FIFOs
2


Similar Part No. - LH540235M-35

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540235M-35

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C455 CYPRESS-CY7C455 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
AverLogic Technologies ...
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com