Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCR18EVHJLFS Datasheet(PDF) 3 Page - Rohm

Part # UCR18EVHJLFS
Description  Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UCR18EVHJLFS Datasheet(HTML) 3 Page - Rohm

  UCR18EVHJLFS Datasheet HTML 1Page - Rohm UCR18EVHJLFS Datasheet HTML 2Page - Rohm UCR18EVHJLFS Datasheet HTML 3Page - Rohm UCR18EVHJLFS Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UCR18
Data Sheet
3/3
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.04 - Rev.D
Dimensions (Unit : mm)
No.
Material
Resistive element
(Oxide metal thick film)
Silver thick film electrode
Nickel electrode
Sn electrode
Alumina substrate
Overcoating (Resin)
Mark side
1
2
3
4
5
7
6
0.3
±0.2
(The surface)
7
4
3
2
1
6
5
0.9
±0.25
(The back)
(The cross section)
3.2
±0.15
R033
Packaging
C
AB
D
AB
C
D
φ13±0.2
P0
P2
P1
E
F
W
T2
φD0
A0
B0
Label
Reel
Taping
EIAJ ET-7200B compliant
Thick paper
mount
(Underside paper tape) Chip resistor Square punchout hole
Heat crimp cover tape
φ180
0
−1.5
φ60
+1
0
9
+1.0
0
φ1.5
+0.1
0
1.95 +
0.1
−0.05
3.5 +
0.15
−0.05
(Unit: mm)
(Unit: mm)
WF
E
A0
B0
D0
P0
P1
P2
T2
8.0±0.3
3.5±0.05
1.75±0.1
4.0±0.1
4.0±0.1
2.0±0.05
Max. 1.1
Part No. Explanation
UC
1
R
8
E V H
J
S
0.011 to 0.091
0.1
S
L
Part No.
Nominal resistance
EVH
5,000
Paper tape (4mm Pitch)
φ180mm (7in.)
Resistance tolerance Special part number
±1%
±5%
F
J
UCR18
Packaging Specifications Code
Reel (
φ180mm) : Compatible with JEITA standard "EIAJ ET-7200B"
: Standard product
Part No.
Resistance tolerance
Code
Packaging specifications
Reel
Basic ordering unit(pcs)
J(
±5%)
F(
±1%)
FL, FS, JS
JL
:
:
4 digits
3 digits
Resistance code, 3 or 4 digits.
000 denotes jumper type.
Resistance
tolerance
Resistance
code


Similar Part No. - UCR18EVHJLFS

ManufacturerPart #DatasheetDescription
logo
Rohm
UCR18EVHJL ROHM-UCR18EVHJL Datasheet
164Kb / 5P
   Low Ohmic Compact Thick Film Chip Resistors
More results

Similar Description - UCR18EVHJLFS

ManufacturerPart #DatasheetDescription
logo
Rohm
UCR10 ROHM-UCR10_10 Datasheet
166Kb / 4P
   Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
UCR03 ROHM-UCR03_11 Datasheet
147Kb / 5P
   Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
logo
Texas Instruments
UCR10 TI-UCR10_10 Datasheet
166Kb / 4P
[Old version datasheet]   Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
logo
Rohm
UCR01 ROHM-UCR01 Datasheet
147Kb / 4P
   Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
UCR03 ROHM-UCR03 Datasheet
155Kb / 5P
   Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
UCR ROHM-UCR Datasheet
550Kb / 8P
   Thick film low ohmic chip resistors for current detection
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com