Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCR03EWPJLJS Datasheet(PDF) 2 Page - Rohm

Part # UCR03EWPJLJS
Description  Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UCR03EWPJLJS Datasheet(HTML) 2 Page - Rohm

  UCR03EWPJLJS Datasheet HTML 1Page - Rohm UCR03EWPJLJS Datasheet HTML 2Page - Rohm UCR03EWPJLJS Datasheet HTML 3Page - Rohm UCR03EWPJLJS Datasheet HTML 4Page - Rohm UCR03EWPJLJS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.07 - Rev.A
Data Sheet
UCR03
Characteristics
Item
Test conditions (JIS C 5201-1)
Resistor type
Guaranteed value
Resistance
Variation of resistance
with temperature
Solderability
Damp heat, steady state
Endurance at 70
°C
Endurance
Rapid change of
temperature
Bend strength of
the end face plating
Resistance to solvent
Resistance to
soldering heat
Overload
±2.0%
±1.0%
±3.0%
F :
±1%
J :
±5%
Without open.
JIS C 5201-1 4.5
Measuring method : Measure under termination
Terminal
Under termination
JIS C 5201-1 4.8
Measurement :
−55 / +25 / +125°C
JIS C 5201-1 4.18
Soldering condition : 260
±5°C
Duration of immersion : 10
±1s.
JIS C 5201-1 4.24
40
°C, 93%RH
Test time : 1,000h to 1,048h
±3.0%
±3.0%
±0.5%
±1.0%
JIS C 5201-1 4.25.1
Rated voltage (current), 70
°C
1.5h : ON
− 0.5h : OFF
Test time : 1,000h
JIS C 5201-1 4.25.3
155
°C
Test time : 1,000h to 1,048h
JIS C 5201-1 4.29
23
±5°C
Solvent : 2-propanol
JIS C 5201-1 4.19
Test temp. :
−55°C to +125°C 5cyc
JIS C 5201-1 4.33
JIS C 5201-1 4.17
Rosin·Ethanol (25%WT)
Soldering condition : 235
±5°C
Duration of immersion : 2.0±0.5s.
JIS C 5201-1 4.13
Rated voltage (current)
× 2.5, 2s.
See Table.1
No remarkable abnormality on the appearance.
A new uniform coating of minimum of
95% of the surface being immersed
and no soldering damage.


Similar Part No. - UCR03EWPJLJS

ManufacturerPart #DatasheetDescription
logo
Rohm
UCR03 ROHM-UCR03_11 Datasheet
147Kb / 5P
   Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
More results

Similar Description - UCR03EWPJLJS

ManufacturerPart #DatasheetDescription
logo
Rohm
UCR10 ROHM-UCR10_10 Datasheet
166Kb / 4P
   Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
UCR03 ROHM-UCR03_11 Datasheet
147Kb / 5P
   Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
logo
Texas Instruments
UCR10 TI-UCR10_10 Datasheet
166Kb / 4P
[Old version datasheet]   Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
logo
Rohm
UCR18 ROHM-UCR18_10 Datasheet
172Kb / 4P
   Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
UCR01 ROHM-UCR01 Datasheet
147Kb / 4P
   Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
UCR ROHM-UCR Datasheet
550Kb / 8P
   Thick film low ohmic chip resistors for current detection
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com