Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHMB600B12C Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PHMB600B12C
Description  600A 1200V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PHMB600B12C Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PHMB600B12C Datasheet HTML 1Page - Nihon Inter Electronics Corporation PHMB600B12C Datasheet HTML 2Page - Nihon Inter Electronics Corporation PHMB600B12C Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
日本インター株式会社
012
3
4
0
200
400
600
800
1000
1200
Forward Voltage VF (V)
Fig.8- Forward Characteristics of Free Wheeling Diode
(Typical)
TC=25℃
TC=125℃
QS043-401M0055 (4/4)
PHMB600B12
PHMB600B12C
0.1
0.2
0.5
1
2
5
10
20
0.05
0.1
0.2
0.5
1
2
5
10
Series Gate Impedance RG (Ω)
Fig.7- Series Gate Impedance vs. Switching Time (Typical)
VCC=600V
IC=600A
VGE=±15V
TC=25℃
tf
tr
ton
toff
0
600
1200
1800
2400
3000
3600
10
20
50
100
200
300
500
1000
-di/dt (A/μs)
Fig.9- Reverse Recovery Characteristics (Typical)
IF=600A
TC=25℃
IRrM
trr
10
-5
10
-4
10
-3
10
-2
10
-1
110
Time t (s)
2x10
-4
5x10
-4
-3
2x10
-3
5x10
-3
-2
2x10
-2
5x10
-2
-1
2x10
-1
fig11-Tansient Thermal Impedance
1x10
1x10
1x10
1
Tc=25℃
1 Shot
IGBT
FRD
0
400
800
1200
1600
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
2000
5000
Collector to Emitter Voltage V CE (V)
Fig.10- Reverse Bias Safe Operating Area
RG=0.82Ω
VGE=±15V
TC≦125℃


Similar Part No. - PHMB600B12C

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHMB600B12 NIEC-PHMB600B12 Datasheet
113Kb / 3P
   IGBT MODULE Single 600A 1200V
logo
National Instruments Co...
PHMB600B12 NI-PHMB600B12_15 Datasheet
198Kb / 3P
   IGBT
More results

Similar Description - PHMB600B12C

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB600B12 NIEC-PDMB600B12_1 Datasheet
187Kb / 3P
   600A 1200V
logo
MacMic
MMG600K120U6TC MACMIC-MMG600K120U6TC Datasheet
1Mb / 6P
   1200V 600A IGBT Module
June 2020
MMG600K120U6TN MACMIC-MMG600K120U6TN Datasheet
320Kb / 5P
   1200V 600A IGBT Module
MMG600WB120B6TC MACMIC-MMG600WB120B6TC Datasheet
358Kb / 6P
   1200V 600A IGBT Module
MMG600K120U6HN MACMIC-MMG600K120U6HN Datasheet
554Kb / 5P
   1200V 600A IGBT Module
MMG600WB120B6E4N MACMIC-MMG600WB120B6E4N Datasheet
1Mb / 6P
   1200V 600A IGBT Module
MMG600WE120B6E4N MACMIC-MMG600WE120B6E4N Datasheet
367Kb / 6P
   1200V 600A IGBT Module
logo
Nihon Inter Electronics...
PDMB600B12 NIEC-PDMB600B12 Datasheet
157Kb / 3P
   IGBT MODULE Dual 600A 1200V
PHMB600B12 NIEC-PHMB600B12 Datasheet
113Kb / 3P
   IGBT MODULE Single 600A 1200V
logo
Micross Components
MIMMG600KR120U MICROSS-MIMMG600KR120U Datasheet
2Mb / 5P
   1200V 600A IGBT Module RoHS Compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com