Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTS125SJLFS Datasheet(PDF) 1 Page - C&K Components

Part # PTS125SJLFS
Description  12 mm Tact Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PTS125SJLFS Datasheet(HTML) 1 Page - C&K Components

  PTS125SJLFS Datasheet HTML 1Page - C&K Components PTS125SJLFS Datasheet HTML 2Page - C&K Components PTS125SJLFS Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B–72
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
PTS125 Series
12 mm Tact Switches
Features/Benefits
Stable control feeling
Thru-hole or vertical actuation
160 or 260 grams actuation force
RoHS compliant and compatible
Typical Applications
Consumer products
Instrumentation
Computer products
Industrial
* V option available with J73 actuator only.
Termination
S Thru-hole
V* Vertical
Actuator Shape
NONE Round
J Snap fit cap
1
2
5
P
T
S
Actuator Force
M 160 grams
K 260 grams
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and and place it in the appropriate box.
Specification
FUNCTION: Momentary action
CONTACT ARRANGEMENT: SPST, N.O.
TERMINALS: PC pins
Mechanical
ACTUATION FORCE: PTS125M models: 160 grams.
PTS125 K models: 260 grams.
LIFE EXPECTANCY: 200,000 operations, M option;
100,000 operations, K option.
Electrical
CONTACT RATING: 50 mA @ 12 V DC.0
DIELECTRIC STRENGTH: 250 V AC min.
CONTACT RESISTANCE: 100 m
Ω max. initial.
INSULATION RESISTANCE: 1011
Ω min.
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Environmental
OPERATING TEMPERATURE: -40˚C to 60˚C
Process
SOLDERING: Preheating to 100˚C for 45 sec. max. Keep flux
flush with top surface of PCB; do not apply to component side of
PCB and area where terminals are located. Soldering to 255˚C for
5 sec. max. Clean by brushing on solder surface. Do not clean
switch with solvents.
Materials
BASE: 6/6 nylon or glass filled polyester (PBT) (UL 94V-0).
ACTUATOR: PBT (UL94V0) or polyacetal (UL 94HB).
COVER PLATE: Tin alloy.
DOME CONTACTS: Phosphor bronze, silver clad.
STATIONARY CONTACTS: Brass, silver plated.
TERMINALS: Brass, silver plated. Insert molded.
Packaging
Tube packaging.
Actuator Height
Thru Hole
V Vertical
43
4,3 (.169)
3,2 (.125)
73
7,3 (.287)
6,2 (.244)
85
8,5 (.335)
6,2 (.244)
12
12 (.472)
N/A N/A
L
F
S
RoHS compliant and
compatible.
Silver plated.


Similar Part No. - PTS125SJLFS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PTS125SJK12LFS ITT-PTS125SJK12LFS Datasheet
198Kb / 3P
   12 mm Tact Switches
PTS125SJK43LFS ITT-PTS125SJK43LFS Datasheet
198Kb / 3P
   12 mm Tact Switches
PTS125SJK73LFS ITT-PTS125SJK73LFS Datasheet
198Kb / 3P
   12 mm Tact Switches
PTS125SJK85LFS ITT-PTS125SJK85LFS Datasheet
198Kb / 3P
   12 mm Tact Switches
PTS125SJM12LFS ITT-PTS125SJM12LFS Datasheet
198Kb / 3P
   12 mm Tact Switches
More results

Similar Description - PTS125SJLFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
PTS125 CK-COMPONENTS-PTS125_V01 Datasheet
387Kb / 5P
   12 mm Tact Switches
2022
PTS125 CK-COMPONENTS-PTS125_V02 Datasheet
388Kb / 5P
   12 mm Tact Switches
14 Nov 22
logo
ITT Industries
PTS125 ITT-PTS125 Datasheet
198Kb / 3P
   12 mm Tact Switches
PTS125SM43 ITT-PTS125SM43 Datasheet
86Kb / 3P
   PTS125 Series 12 mm Tact Switches
logo
List of Unclassifed Man...
PTS453 ETC2-PTS453 Datasheet
54Kb / 2P
   4,5 mm Tact Switches
logo
ITT Industries
PTS635SL43 ITT-PTS635SL43 Datasheet
67Kb / 2P
   3,5 mm Tact Switches
logo
C&K Components
PTS645 CK-COMPONENTS-PTS645 Datasheet
202Kb / 3P
   6 mm Tact Switches
PTS645 CK-COMPONENTS-PTS645_V01 Datasheet
653Kb / 8P
   6 mm Tact Switches
14 Nov 22
PTS635 CK-COMPONENTS-PTS635 Datasheet
355Kb / 3P
   3,5 mm Tact Switches
logo
ITT Industries
PTS645 ITT-PTS645 Datasheet
83Kb / 3P
   6 mm Tact Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com