Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDT0204 Datasheet(PDF) 2 Page - C&K Components

Part # HDT0204
Description  Micro Mini Surface Mount Detect Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

HDT0204 Datasheet(HTML) 2 Page - C&K Components

  HDT0204 Datasheet HTML 1Page - C&K Components HDT0204 Datasheet HTML 2Page - C&K Components HDT0204 Datasheet HTML 3Page - C&K Components HDT0204 Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E
E–5
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
HDT Series
Micro Mini Surface Mount Detect Switches
HDT0004
2.4
4x 0.7
4.7
4.7
3.8
2x 4.5
1
2
34
0.7
0.35
R0.3
R3
2.3
2.5
3.5
3.8
(1.5)
(1.15)
4.9
4x 0±0.05
Terminal height
“ON” Position
MAX. Travel Position
0.5
0.7
3.9
3.5
2.4
4x 1.2
3.5
5.1
HDT0004
2.0
8.0
4.0
ø .115
1.75
0.5
16.0
7.5
3.9
380.0
ø 21.0
ø 13.0
2.0
Reel Dim.
TAPE & REEL
2,800 per reel
HDT0004
SCHEMATIC
PACKAGING
PART NUMBER
N.O.
TRAVEL:
Pre-travel
.3 mm
Overtravel:
1.0 mm
Total:
1.3 mm
HDT0004
TAPE & REEL
NEW!
4X1,2
5,1
3,5
2,4
4,7
4,7
2X4,5
4X0,7
2,3
3,5
3,9
0,7
4,9
5,3
5
'OPER'
POSITION
3,9
MAX TRAVEL
POSITION
4X
TERMINAL HEIGHT
0 ± 0,05
3,3
2,4
3,8
R3
1,15 REF
0,4
1,5 REF
0,7
2
1
4
3
SURFACE MOUNT LAYOUT
1
2
3
4
HDT0104
1
2
3
4
TAPE & REEL
2,100 per reel
HDT0104
SCHEMATIC
PACKAGING
PART NUMBER
TRAVEL:
Pre-travel: .3 mm
Overtravel: 1.1 mm
Total: 1.4 mm
HDT0104
Third Angle
Projection
N.O.


Similar Part No. - HDT0204

ManufacturerPart #DatasheetDescription
logo
C&K Components
HDT0204 CK-COMPONENTS-HDT0204 Datasheet
393Kb / 5P
   Micro Mini Surface Mount Detect Switches
14 Mar 22 www.ckswitches.com
HDT0204 CK-COMPONENTS-HDT0204 Datasheet
452Kb / 5P
   Micro Mini Surface Mount Detect Switches
24 Oct 22
HDT0204 CK-COMPONENTS-HDT0204 Datasheet
452Kb / 5P
   Micro Mini Surface Mount Detect Switches
24 Oct 22
More results

Similar Description - HDT0204

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSU ITT-KSU Datasheet
91Kb / 3P
   Micro Mini Surface Mount Detect Switches
HDT0001 ITT-HDT0001 Datasheet
159Kb / 1P
   Micro Mini Surface Mount Detect Switches
logo
C&K Components
KSU CK-COMPONENTS-KSU Datasheet
172Kb / 2P
   Micro Mini Surface Mount Detect Switches
HDT CK-COMPONENTS-HDT_V01 Datasheet
393Kb / 5P
   Micro Mini Surface Mount Detect Switches
14 Mar 22 www.ckswitches.com
KSU CK-COMPONENTS-KSU_V01 Datasheet
185Kb / 2P
   Micro Mini Surface Mount Detect Switches
2017
HDT CK-COMPONENTS-HDT_V02 Datasheet
452Kb / 5P
   Micro Mini Surface Mount Detect Switches
24 Oct 22
KSU CK-COMPONENTS-KSU_V02 Datasheet
234Kb / 2P
   Micro Mini Surface Mount Detect Switches
SDT CK-COMPONENTS-SDT Datasheet
139Kb / 1P
   Micro Mini Pendulum Surface Mount Detect Switches
HDP CK-COMPONENTS-HDP Datasheet
174Kb / 2P
   Micro Mini Side Actuated Surface Mount Detect Switches
HDP CK-COMPONENTS-HDP_V01 Datasheet
281Kb / 3P
   Micro Mini Side Actuated Surface Mount Detect Switches
8 Mar 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com