Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS203011CQN Datasheet(PDF) 5 Page - C&K Components

Part # JS203011CQN
Description  Sub-Miniature Slide Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

JS203011CQN Datasheet(HTML) 5 Page - C&K Components

  JS203011CQN Datasheet HTML 1Page - C&K Components JS203011CQN Datasheet HTML 2Page - C&K Components JS203011CQN Datasheet HTML 3Page - C&K Components JS203011CQN Datasheet HTML 4Page - C&K Components JS203011CQN Datasheet HTML 5Page - C&K Components JS203011CQN Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
12
C
3
3,5
[.138]
8,5
[.335]
0,5
[.020]
2,5
[.098]
2,5
[.098]
2
[.079]
3,5
[.138]
SQ 1,5 ± 0,1
[ .059 ± .004]
3
[.118]
0,30
[.012]
1
[.039]
3
[.118]
8,00
[.315]
2,5
[.098]
2,5
[.098]
7,5
[.295]
2
[.079]
TRAVEL
a
b
C&K
(2)
(3)
(1)
45˚ X 0,2[.008]
2X CHAMFER
PCB LAYOUT RECOMMENDED
SCHEMATIC
Terminal No. 1
JS Series
Sub-Miniature Slide Switches
RIGHT ANGLE SURFACE MOUNT
LOW PROFILE .028±.004 (0.7±0.1) HIGH
Part Number
JS102000SAQN
SPDT
Available in tape & reel
only, see page I-54
1
2
3
C
SCHEMATIC
0.072
(1,82)
0.024
(0,6)
3x0.016
(0,4)
0.177
(4,5)
0.307
(7,8)
1
2
3
0.005
(0,12)
0.126
(3,2)
0.059
(1,5)
0.052±0.002
(1,3±0,05)
0.059±0.004 TRAVEL
(1,5±0,1)
0.208
(5,3)
0.146
(3,7)
0.059
(1,5)
0.090
(2,3)
0.031
(0,8)
0.007
(0,18)
0.039
(1)
0.157±0.002
(4±0,05)
0.256
(6,5)
0.335
(8,5)
+.004
-0
+0,1
-0
2x0.035
(0,9
)
0.264
(6,7)
0.008x45
2x CHAMFER
0
0.020±0.004
(0,5±0,1)
0.157±0.004
(4±0,1)
0.028±0.004
(0,7±0,1)
RECOMMENDED PC MOUNTING
0.007
(0,18)
+.0
-0.004
+0
-0,1
0.031
(0,8
)
0.016
(0,4)
0.002
(0,05)
0.030±0.002
(0,75±0,05)
Specifications
CONTACT RATING: 5 VDC @ 1MA
ELECTRICAL LIFE: 15,000 cycles.
CONTACT RESISTANCE: <100 m ohms (initial) <200 m ohms (after processing).
INSULATION RESISTANCE: 100 m ohms @500 VDC.
DIELECTRIC STRENGTH: 250 VAC.
OPERATING TEMPERATURE: -20ºC to +70ºC
Part Number
JS102011SCQN
SPDT
Shown in position 1
Available in tape & reel
only, see page I-54
CONTACT RATING: 6 VDC @ 0.3A
ELECTRICAL LIFE: 5,000 make-and-break cycles.
CONTACT RATING: 30 VDC @ 0.1A
ELECTRICAL LIFE: 15,000 make-and-break cycles.
I
I–53
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com


Similar Part No. - JS203011CQN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
JS203011CQN TI1-JS203011CQN Datasheet
7Mb / 36P
[Old version datasheet]   MSP-EXP430F5529 Experimenter Board
logo
C&K Components
JS203011CQNL CK-COMPONENTS-JS203011CQNL Datasheet
2Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
JS203011CQNR CK-COMPONENTS-JS203011CQNR Datasheet
2Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
More results

Similar Description - JS203011CQN

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
   Sub-miniature Slide Switches
logo
C&K Components
JS CK-COMPONENTS-JS Datasheet
1Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
logo
GREATECS
SB6 GREATECS-SB6 Datasheet
2Mb / 2P
   Sub-Miniature Slide Switches
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
156Kb / 2P
   SUB-MINIATURE SLIDE SWITCHES
logo
C&K Components
JSM CK-COMPONENTS-JSM Datasheet
295Kb / 5P
   Sub-Miniature Slide Switches
logo
Grayhill, Inc
48BFSP1M6RT GRAYHILL-48BFSP1M6RT Datasheet
91Kb / 1P
   Sub-Miniature Slide Switches
logo
C&K Components
JSM CK-COMPONENTS-JSM_V01 Datasheet
277Kb / 2P
   Sub-Miniature Slide Switches
20 Jul 21
JS-SERIES CK-COMPONENTS-JS-SERIES Datasheet
2Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
logo
E-SWITCH
500A E-SWITCH-500A_1 Datasheet
210Kb / 2P
   SLIDE SWITCHES - SUB-MINIATURE
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com