Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCS051SA20AC Datasheet(PDF) 1 Page - C&K Components

Part # LCS051SA20AC
Description  Subminiature Sealed Snap-acting Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

LCS051SA20AC Datasheet(HTML) 1 Page - C&K Components

  LCS051SA20AC Datasheet HTML 1Page - C&K Components LCS051SA20AC Datasheet HTML 2Page - C&K Components LCS051SA20AC Datasheet HTML 3Page - C&K Components LCS051SA20AC Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
J
J–26
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
LCS Series
Subminiature Sealed Snap-acting Switches
Features/Benefits
Compact design
Long life and high electrical capacity
Quick connect, solder terminals,
PC terminals, wire leads
Wide variety of actuator styles
RoHS compatible, RoHS compliant
IP67
Typical Applications
Motorized equipment
Sump pump
Thermostatic controls
Computers
Air conditioners
Specifications
CONTACT RATING: 6 AMP, 250 V AC and
5 AMP, 125/250 V AC
0.1 AMP, 125/250 V AC
ELECTRICAL LIFE: 10,000 cycles
INSULATION RESISTANCE: 100 M ohm min.
DIELECTRIC STRENGTH: 1,000 VAC
OPERATING TEMPERATURE:
0ºC to +120ºC (without wire)
0ºC to +85ºC (with UL1007 wire)
0ºC to +105ºC (with UL1015 wire)
0ºC to +105ºC (with UL1430 wire)
0ºC to +80ºC (with UL1061 wire)
0ºC to +120ºC (with UL1330 wire)
OPERATING FORCE: (see ACTUATOR’S option sections).
MOUNTING: 2-56 screws, torque 2.3 in/lbs max.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service center.
Materials
SWITCH HOUSING: Thermoplastic polyester or high temperature
thermoplastic (PTS) (UL 94V-0).
ACTUATOR BUTTON: Thermoplastic polyester.
SPRING: Copper alloy.
PIVOT: Copper alloy.
MOVABLE CONTACTS: Silver nickel
STATIONARY CONTACTS: Silver nickel on copper alloy.
TERMINALS: Copper alloy.
ACTUATOR LEVEL: Stainless steel.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages J-27 thru J-29. For additional options not shown in catalog, consult Customer Service Center.
Series
LCS
Contact Rating
05
5 AMP, 125/250 V AC
6 AMP, 250 V AC
01
0.1 AMP, 125/250 V AC
Actuator
P00 Pin plunger
T00 11.9 mm short lever
T05 17.4 mm short lever
T07 19.4 mm short lever
T13 25.5 mm lever
T19 33.3 mm lever
T28 40.7 mm lever
T43 55.9 mm lever
S26 18.6 mm simulated lever
A05 17.2 mm lever roller
Terminations
S Solder
Q 0.110 Quick Connect
P PC Thru Hole
W Wire leads potted
Z Wire leads non-potted
Wire Side (when required)
A Wire out the bottom
B Wire out the right side
C Wire out the left side
D None
Models Available
L
C
S
Operating Force
1
150 grams
2
203 grams
14
Circuitry
C SPDT
W SPST N.C.
Y SPST N.O.
Wire Type AWG
20 20 AWG
22 22 AWG
24 24 AWG
26 26 AWG
28 28 AWG
30 30 AWG
Wire UL #
(when required)
A UL1007
B UL1015
C UL1430
D UL1061
E UL1330
14
14


Similar Part No. - LCS051SA20AC

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCS0007-50 LINKCOM-LCS0007-50 Datasheet
70Kb / 1P
   Current Sense Transformers
LCS0008-50 LINKCOM-LCS0008-50 Datasheet
70Kb / 1P
   Current Sense Transformers
LCS0009-50 LINKCOM-LCS0009-50 Datasheet
70Kb / 1P
   Current Sense Transformers
LCS0010-50 LINKCOM-LCS0010-50 Datasheet
70Kb / 1P
   Current Sense Transformers
LCS0011-50 LINKCOM-LCS0011-50 Datasheet
70Kb / 1P
   Current Sense Transformers
More results

Similar Description - LCS051SA20AC

ManufacturerPart #DatasheetDescription
logo
C&K Components
LCW CK-COMPONENTS-LCW Datasheet
515Kb / 4P
   Subminiature Sealed Snap-acting Switches
26 Feb 19
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
   Subminiature Snap-acting Switches
logo
C&K Components
LCA CK-COMPONENTS-LCA Datasheet
177Kb / 5P
   Subminiature Snap-acting Switches
ZMA CK-COMPONENTS-ZMA Datasheet
210Kb / 4P
   Subminiature Snap-acting Switches
ZM CK-COMPONENTS-ZM Datasheet
192Kb / 3P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMCJCHF7P0L0T ITT-ZMCJCHF7P0L0T Datasheet
235Kb / 3P
   Subminiature Snap-acting Switches
logo
C&K Components
ZMCJF7P0T CK-COMPONENTS-ZMCJF7P0T Datasheet
179Kb / 3P
   Subminiature Snap-acting Switches
ZMA CK-COMPONENTS-ZMA_V01 Datasheet
397Kb / 4P
   Subminiature Snap-acting Switches
2018
logo
ITT Industries
LCGGF5P00EC ITT-LCGGF5P00EC Datasheet
273Kb / 4P
   Subminiature Precision Snap-acting Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com