Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS6500AL02PS Datasheet(PDF) 6 Page - C&K Components

Part # MDS6500AL02PS
Description  Micro Snap-acting Detect Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MDS6500AL02PS Datasheet(HTML) 6 Page - C&K Components

  MDS6500AL02PS Datasheet HTML 1Page - C&K Components MDS6500AL02PS Datasheet HTML 2Page - C&K Components MDS6500AL02PS Datasheet HTML 3Page - C&K Components MDS6500AL02PS Datasheet HTML 4Page - C&K Components MDS6500AL02PS Datasheet HTML 5Page - C&K Components MDS6500AL02PS Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1.5
4 TYP
1.75 TYP
0.4
4.6
24
16 TYP
4.5
0.4
4.6
3.7
1.5
4 TYP
1.75 TYP
16 TYP
24
4.5
E
E–18
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
MDS Series
Micro Snap-acting Detect Switches
TAPE & REEL
4 ± 0,1
12 ± 0,1
24 ± 0,3
PULLING-OUT DIRECTION OF THE TAPE
SCALE 3:1
4 ± 0,1
12 ± 0,1
24 ± 0,3
PULLING-OUT DIRECTION OF THE TAPE
Supplied in carrier tape meeting the EIA-481-2 standard for 24mm tape.
Packaging quantity:
SL and SR; 1,600 pieces per reel.
CL, CR, BL and BR; 1,000 pieces per reel.
SL
SMT, LEFT MOUNT
SR
SMT, RIGHT MOUNT
Third Angle
Projection
CL
SMT, LEFT MOUNT
CR
SMT, RIGHT MOUNT
BL
SMT, LEFT MOUNT
BR
SMT, RIGHT MOUNT


Similar Part No. - MDS6500AL02PS

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
MDS60 NAINA-MDS60 Datasheet
225Kb / 2P
   Three Phase Bridge Rectifier, 60 Amps
logo
Microsemi Corporation
MDS60L MICROSEMI-MDS60L Datasheet
70Kb / 4P
   60 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS60L MICROSEMI-MDS60L Datasheet
244Kb / 4P
   60 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS60L MICROSEMI-MDS60L_11 Datasheet
244Kb / 4P
   60 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
More results

Similar Description - MDS6500AL02PS

ManufacturerPart #DatasheetDescription
logo
C&K Components
MDS CK-COMPONENTS-MDS_V01 Datasheet
122Kb / 3P
   Micro Snap-acting Detect Switches
logo
ITT Industries
MDS001 ITT-MDS001 Datasheet
263Kb / 3P
   Micro Snap-acting Detect Switches
logo
C&K Components
TFCJJ6SP0040C CK-COMPONENTS-TFCJJ6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
TMCGD6SP0040C CK-COMPONENTS-TMCGD6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
C&K Components
TFSERIESSNAP CK-COMPONENTS-TFSERIESSNAP Datasheet
213Kb / 7P
   Miniature Snap-acting Switches
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
   Subminiature Snap-acting Switches
logo
C&K Components
LCA CK-COMPONENTS-LCA Datasheet
177Kb / 5P
   Subminiature Snap-acting Switches
ZMA CK-COMPONENTS-ZMA Datasheet
210Kb / 4P
   Subminiature Snap-acting Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com