Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OS202013MT5QN1 Datasheet(PDF) 7 Page - C&K Components

Part # OS202013MT5QN1
Description  Miniature Slide Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

OS202013MT5QN1 Datasheet(HTML) 7 Page - C&K Components

  OS202013MT5QN1 Datasheet HTML 1Page - C&K Components OS202013MT5QN1 Datasheet HTML 2Page - C&K Components OS202013MT5QN1 Datasheet HTML 3Page - C&K Components OS202013MT5QN1 Datasheet HTML 4Page - C&K Components OS202013MT5QN1 Datasheet HTML 5Page - C&K Components OS202013MT5QN1 Datasheet HTML 6Page - C&K Components OS202013MT5QN1 Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
I
I–43
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
POS.1
POS.2
1-2, 4-5
CONN. TERMINALS
SCHEMATIC
DPDT
PART NUMBER
SWITCH FUNCTION
OS202011MA0QN1
(Non-shorting)
ON
ON
YES
NO
RoHS
Compliant
RoHS
Compatible
2-3, 5-6
OS202011MA0QS1
(Shorting)
ON
ON
YES
NO
OS Series
Miniature Slide Switches
Actuator shown in pos. 1
4 56
6
3
PC MOUNTING
1 23
4 56
OS202011MA0QN1
DPDT
CONTACT RATING: 0.1A @ 12 VDC


Similar Part No. - OS202013MT5QN1

ManufacturerPart #DatasheetDescription
logo
ITT Industries
OS202013MT5QN1 ITT-OS202013MT5QN1 Datasheet
955Kb / 7P
   Miniature Slide Switches
logo
C&K Components
OS202013MT5QN1 CK-COMPONENTS-OS202013MT5QN1 Datasheet
1Mb / 8P
   Miniature Slide Switches
15 Mar 22
More results

Similar Description - OS202013MT5QN1

ManufacturerPart #DatasheetDescription
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
ITT Industries
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
   Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
   Miniature Slide Switches
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com