Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA02AB Datasheet(PDF) 2 Page - C&K Components

Part # SPA02AB
Description  Single In-line Package Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SPA02AB Datasheet(HTML) 2 Page - C&K Components

  SPA02AB Datasheet HTML 1Page - C&K Components SPA02AB Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
H
H–20
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
1
2345
678
.100
(2,54)
.035
(0,9)
.125
(3,2)
.244
(6,2)
.086
(2,2)
.083
(2,1)
.098
(2,5)
.268
(6,81)
DIM 'C'
.020
(0,5)
.065
(1,65)
.030
(0,75)
Ø.016
(0.4)
.200
(5,08)
.236/.252
(6,0/6,4)
.181
(4,6)
.020 RAD.
(0,5)
.063
(1,6)
Ø.032 TYP.
(0,8)
DIM 'B'
DIM 'B'
DIM 'B'
DIM 'A'
.100
(2,54)
.100
(2,54)
.200
(5,08)
.020
SPA Series
Single In-line Package Switches
NO.
QTY PER
POS.
DIM. ‘A’
DIM. ‘B’
DIM. ‘C’
TUBE
2
.342 (8,68)
.200 (5,08)
.339 (8,6)
50
4
.542 (13,76)
.400 (10,16)
.540 (13,7)
30
6
.742 (18,84)
.600 (15,24)
.736 (18,7)
25
8
.942 (23,92)
.800 (20,32)
.937 (23,8)
20
10
1.142 (29,00)
1.000 (25,40)
1.138 (28,9)
15
Schematic
SPST
SPA08AB
1 2 3 4 5 6 7 8 C
SPA02AB
SPA04AB
SPA06AB
SPA08AB
SPA10AB
ROHS
PART #
1
23456
78
.070
(1,79)
.028
(0,71)
.039
(0,99)
.009
(0,25)
.028
(0,71)
.100
(2,54)
DIM 'A'
.012
(0,30)
.020
(0,50)
.035
(0,89)
.126
(3,2)
.244
(6,2)
.141
(3,6)
.100
(2,54)
Ø.032 TYP.
(0,81)
DIM 'B'
.100
(2,54)
DIM 'B'
ROHS
PART
NO.
QUANITY
NUMBER
POS.
DIM. ‘A’
DIM. ‘B’
PER TUBE
SPA02B
2
.342 (8,68)
.200 (5,08)
50
SPA04B
4
.542 (13,76)
.400 (10,16)
30
SPA06B
6
.742 (18,84)
.600 (15,24)
25
SPA08B
8
.942 (23,92)
.800 (20,32)
20
SPA10B
10
1.142 (29,00)
1.000 (25,40)
15
Schematic
SPST
1 2 3 4 5 6 7 8 C
SPA08B
Vertical


Similar Part No. - SPA02AB

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPA02A-05 MEANWELL-SPA02A-05 Datasheet
247Kb / 1P
   2W DC-DC Regulated Single Output Converter
SPA02A-05 MEANWELL-SPA02A-05 Datasheet
249Kb / 1P
   2W DC-DC Regulated Single Output Converter
SPA02A-12 MEANWELL-SPA02A-12 Datasheet
247Kb / 1P
   2W DC-DC Regulated Single Output Converter
SPA02A-12 MEANWELL-SPA02A-12 Datasheet
249Kb / 1P
   2W DC-DC Regulated Single Output Converter
SPA02A-15 MEANWELL-SPA02A-15 Datasheet
247Kb / 1P
   2W DC-DC Regulated Single Output Converter
More results

Similar Description - SPA02AB

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SP02B ITT-SP02B Datasheet
160Kb / 2P
   Single In-line Package Switches
logo
C&K Components
SPA CK-COMPONENTS-SPA_V01 Datasheet
196Kb / 2P
   Single In-line Package Switches
26 Aug 20
SP CK-COMPONENTS-SP Datasheet
166Kb / 2P
   Single In-line Package Switches
2006
logo
ALPS ELECTRIC CO.,LTD.
SSGM120100 ALPS-SSGM120100 Datasheet
160Kb / 5P
   Dual In-line Package Type Switches
logo
GREATECS
DX19 GREATECS-DX19 Datasheet
209Kb / 1P
   Single In Line DIP Switches (SIP Switches)
logo
Shindengen Electric Mfg...
D3SB60 SHINDENGEN-D3SB60_17 Datasheet
444Kb / 4P
   Single In-line Package
D4SBL20U SHINDENGEN-D4SBL20U_17 Datasheet
615Kb / 4P
   Single In-line Package
D15XBN20 SHINDENGEN-D15XBN20_17 Datasheet
573Kb / 4P
   Single In-line Package
UD2KB80 SHINDENGEN-UD2KB80_17 Datasheet
828Kb / 4P
   Single In-line Package
UD3KB80 SHINDENGEN-UD3KB80_17 Datasheet
821Kb / 4P
   Single In-line Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com