Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDP06H0SBD1 Datasheet(PDF) 2 Page - C&K Components

Part # TDP06H0SBD1
Description  Half-pitch Side-Actuated DIP Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TDP06H0SBD1 Datasheet(HTML) 2 Page - C&K Components

  TDP06H0SBD1 Datasheet HTML 1Page - C&K Components TDP06H0SBD1 Datasheet HTML 2Page - C&K Components TDP06H0SBD1 Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
H
H–4
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
Flush Actuator-No Top Tape,
Surface Mount Terminals
NO.
DIM
DIM
QUANTITY
PART NUMBER
POS.
‘A’
“B”
PER TUBE
TDP02H0SBD1
2
0.144 (3,67)
0.050 (1,27)
125
TDP04H0SBD1
4
0.244 (6,21)
0.150 (3,81)
70
TDP06H0SBD1
6
0.344 (8,74)
0.250 (6,35)
50
TDP08H0SBD1
8
0.444 (11,29)
0.350 (8,89)
40
TDP10H0SBD1
10
0.544 (13,82)
0.450 (11,43)
30
Schematic
SPST
TDP Series
Ultra-miniature Surface Mount
Half-pitch Side-Actuated DIP Switches
0.022
(0,57)
0.042
(1,06)
0.320
(8,12)
0.006
(0,15)
0.228
(5,8)
100
0.236
(6,0)
0.030
(0,76)
0.050
(1,27)
0.300
(7,62)
0.250
(6,35)
0.350
(8,89)
DIM 'B'
0.161
(4,1)
0.023
(0,6)
0.012/0.004
(0,3/0,1)
O
N 1
2
3
4
56
7
8
CHAMFER
0.047
(1,2)
0.050 TYP.
(1,27)
DIM 'A'
0.018
(0,45)
DATE
CODE
2X 0.039 (1,0)
TDP08
5A
C&K
1
2
3
4
56
7
8
CHAMFER
0.047
(1,2)
0.050 TYP.
(1,27)
DIM 'A'
0.018
(0,45)
DATE
CODE
2X 0.039 (1,0)
TDP08
5A
C&K
1
2
3
4
56
7
8
0.161
(4,1)
0.164 MAX.
(4,16)
0.023
(0,6)
0.012/0.004
(0,3/0,1)
O
N
TAPE SEAL
1
2
3
4
56
7
8
0.030
(0,76)
0.050
(1,27)
0.300
(7,62)
0.250
(6,35)
0.350
(8,89)
DIM 'B'
0.022
(0,57)
0.042
(1,06)
0.320
(8,12)
0.006
(0,15)
0.228
(5,8)
100
0.239
(6,06)
0.236
(6,0)
TAPE
SEAL
Flush Actuator-with Top Tape,
Surface Mount Terminals
NO.
DIM
DIM
QUANTITY
PART NUMBER
POS.
‘A’
“B”
PER TUBE
TDP02H0SB1
2
0.144 (3,67)
0.050 (1,27)
125
TDP04H0SB1
4
0.244 (6,21)
0.150 (3,81)
70
TDP06H0SB1
6
0.344 (8,74)
0.250 (6,35)
50
TDP08H0SB1
8
0.444 (11,29)
0.350 (8,89)
40
TDP10H0SB1
10
0.544 (13,82)
0.450 (11,43)
30
Schematic
SPST


Similar Part No. - TDP06H0SBD1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDP0604 TI-TDP0604 Datasheet
1Mb / 58P
[Old version datasheet]   TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP0604 TI-TDP0604 Datasheet
2Mb / 65P
[Old version datasheet]   TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP0604I TI-TDP0604I Datasheet
1Mb / 58P
[Old version datasheet]   TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP0604I TI-TDP0604I Datasheet
2Mb / 65P
[Old version datasheet]   TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP0604IRNQR TI-TDP0604IRNQR Datasheet
2Mb / 65P
[Old version datasheet]   TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
More results

Similar Description - TDP06H0SBD1

ManufacturerPart #DatasheetDescription
logo
C&K Components
BPA CK-COMPONENTS-BPA Datasheet
168Kb / 3P
   Side Actuated DIP Switches
BP CK-COMPONENTS-BP Datasheet
58Kb / 3P
   Side Actuated DIP Switches
1997
logo
ITT Industries
BPA02B ITT-BPA02B Datasheet
181Kb / 2P
   Side Actuated DIP Switches
logo
C&K Components
BPA CK-COMPONENTS-BPA_V01 Datasheet
233Kb / 3P
   Side Actuated DIP Switches
2019
logo
ITT Industries
TDP08H0SBD1 ITT-TDP08H0SBD1 Datasheet
188Kb / 2P
   Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
C&K Components
TDP CK-COMPONENTS-TDP_V01 Datasheet
326Kb / 3P
   Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
CTS Corporation
194 CTS-194 Datasheet
1Mb / 2P
   Side Actuated, Through Hole DIP Switches
193 CTS-193 Datasheet
976Kb / 2P
   Side Actuated, Through Hole DIP Switches
logo
OEN India Limited
25-200 OENINDIA-25-200 Datasheet
352Kb / 1P
   ROCKER ACTUATED DIP SWITCHES
logo
CTS Corporation
193-2MS CTS-193-2MS Datasheet
303Kb / 2P
   Side Actuated DIP Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com