Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSWB-3N-CB111LFS Datasheet(PDF) 4 Page - C&K Components

Part # TSWB-3N-CB111LFS
Description  3 or 7 Function Tact and Scroll Wheel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TSWB-3N-CB111LFS Datasheet(HTML) 4 Page - C&K Components

  TSWB-3N-CB111LFS Datasheet HTML 1Page - C&K Components TSWB-3N-CB111LFS Datasheet HTML 2Page - C&K Components TSWB-3N-CB111LFS Datasheet HTML 3Page - C&K Components TSWB-3N-CB111LFS Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
+0.05
8x ø 1.40
0
+0.05
2x ø 1.60 0
45.0 ˚
4x ø 4.0
1,2±0,05
1
3
ø 34,4
ø 32
ø 22.9
ø 8,1
1,2
1,2
+0,08
ø 1,5 0
ELECTRICAL FUNCTION
Rotational Output Waveform
S1
S2
S5
S4
S3
COM. A
COM. B
B
A
ON
OFF
60˚
90˚
30˚
-30˚
-60˚
ON
OFF
-90˚
CONTACT
ANGLE
A-COM A
B-COM A
Numbers of detent : 24
Pulse/Rotation : 12 pulse/360˚
CCW
CW
PCB LAYOUT
S1
S2
S3
S4
S5
S1
S2
S3
S4
S5
COM A
COM B
A
B
C
C-9
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
TSW Series
3 or 7 Function Tact and Scroll Wheel
TSWB-3N-CB111 LFS
Central select with jog and 4 directions, white central button, dial & direction ring
TSWB-3N-CB222 LFS
Central select with jog and 4 directions, black central button, dial & direction ring


Similar Part No. - TSWB-3N-CB111LFS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TSW SAMTEC-TSW Datasheet
532Kb / 2P
   SLIM BODY FLAT RIBBON IDC CABLES (2.54 mm) .100" PITCH
logo
Omega Engineering, Inc.
TSW OMEGA-TSW Datasheet
158Kb / 1P
   Adjustable Temperature Switches
logo
SHINMEI ELECTRIC CO., L...
TSW-1 SHINMEI-TSW-1 Datasheet
117Kb / 3P
   Body Height 1.8mm, Side Push Type Tactile Switches
logo
Amphenol Corporation
TSW-10 AMPHENOL-TSW-10 Datasheet
87Kb / 2P
   Turbidity Sensor
logo
SHINMEI ELECTRIC CO., L...
TSW-10 SHINMEI-TSW-10 Datasheet
272Kb / 5P
   Body Height 1.6mm, Compact-sized Multifunction Type Tactile Body Height 1.6mm, Compact-sized Multifunction Type Tactile
More results

Similar Description - TSWB-3N-CB111LFS

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMRX-1510 AVAGO-AMRX-1510 Datasheet
292Kb / 7P
   Ultra-slim Scroll Wheel with 5-way Switch
logo
Allegro MicroSystems
A1174 ALLEGRO-A1174 Datasheet
423Kb / 13P
   Ultrasensitive Hall Effect Latch with Internally or Externally Controlled Sample and Sleep Periods for Track Ball and Scroll Wheel Applications
logo
List of Unclassifed Man...
BL1R ETC2-BL1R Datasheet
611Kb / 3P
   Multi-function or mono-function
BM1R ETC2-BM1R Datasheet
772Kb / 4P
   Multi-function or mono-function
BM2R ETC2-BM2R Datasheet
774Kb / 4P
   Multi-function or mono-function
BA1R ETC2-BA1R Datasheet
570Kb / 4P
   Multi-function or mono-function
logo
BOWIN ELECTRONIC CO.
LS6109 BOWIN-LS6109 Datasheet
99Kb / 9P
   Scroll Second Watch
logo
ams AG
AO331 AMSCO-AO331 Datasheet
15Kb / 2P
   AND / OR circuit providing the logical function Q
logo
List of Unclassifed Man...
OA22 ETC1-OA22 Datasheet
11Kb / 1P
   OR / AND circuit providing the logical function Q
logo
Baumer IVO GmbH & Co. K...
MA20 IVO-MA20 Datasheet
317Kb / 2P
   With measuring arm and wheel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com