Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA10H0B Datasheet(PDF) 1 Page - C&K Components

Part # SDA10H0B
Description  Low Profile DIP Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SDA10H0B Datasheet(HTML) 1 Page - C&K Components

  SDA10H0B Datasheet HTML 1Page - C&K Components SDA10H0B Datasheet HTML 2Page - C&K Components SDA10H0B Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
H
H–8
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
SDA Series
Low Profile DIP Switches
Specifications
CONTACT RATING: 25 mA @ 24 V DC or 100 mA @ 50 V DC.
MECHANICAL AND ELECTRICAL LIFE: 1,000 cycles at rated loads.
CONTACT RESISTANCE: 50 m
Ω max. initial.
INSULATION RESISTANCE: 100 M
Ω between terminals.
DIELECTRIC WITHSTANDING VOLTAGE: 300 V DC min. for 1 minute.
STORAGE TEMPERATURE: -40°C to 85°C.
OPERATING TEMPERATURE: -40°C to 85°C.
OPERATING FORCE: 800 grams max.
SOLDERABILITY: Dip and look solderability testing per C&K
spec. #448. Unplated edges of terminals permitted.
PACKAGING: Switches supplied in rigid dispensing tubes in full-
tube quantities only, this may affect order quantity. Numbers
of switches per tube varies with model. Tape and reel pack-
aging also available for surface mount options.
Features/Benefits
Low profile design saves space
Thru-hole and surface mount models
High pressure contact does not
require tape seal for washing
Tape and reel packaging available
RoHS compliant
12
3456
78
DIM 'A'
.183
(4,65)
.106
(2,70)
.100
(2,54)
.010
(0,25)
.024
(0,61)
.051
(1,30)
.063
(1,60)
.320
(8,13)
.295
(7,49)
.100
(2,54)
TYP.
.300 TYP.
(7,6)
Ø.031
(0,8)
TYP.
TRAVEL
.238
(3,5)
Materials
HOUSING: PPS, color black (UL94V-0).
COVER: PPS, color black (UL94V-0).
ACTUATOR: PA6T (UL94-0)
CONTACTS: Gold plated Beryllium copper.
TERMINALS: Gold plate over nickel plated brass.
TAPE SEAL: Polyimide.
Note: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
For Tin Lead options consult customer service center.
Flush Actuator – No Tape, Thru-hole Terminals
SDA08H0BD
Typical Applications
Address switch for industrial
controls
Logic switching for computers
and peripherals
Function controlling for
numerous applications
ROHS
NO.
QUANTITY
PART NUMBER
POS.
DIM. ‘A’
PER TUBE
SDA01H0BD
1
.178 (4,52)
100
SDA02H0BD
2
.278 (7,06)
60
SDA03H0BD
3
.378 (9,60)
45
SDA04H0BD
4
.476 (12,10)
35
SDA05H0BD
5
.578 (14,68)
30
SDA06H0BD
6
.676 (17,18)
25
SDA07H0BD
7
.778 (19,76)
20
SDA08H0BD
8
.876 (22,26)
20
SDA09H0BD
9
.978 (24,84)
15
SDA10H0BD
10
1.076 (27,34)
15
SDA12H0BD
12
1.279 (32,50)
14
Schematic
SPST
How To Order
Complete part numbers for SDA Series are shown on pages H–8 through H–10. All switches supplied in “OFF” position.
NOTE: SDA 01 options are 4,25mm thick


Similar Part No. - SDA10H0B

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SDA10H0B ITT-SDA10H0B Datasheet
251Kb / 3P
   Low Profile DIP Switches
SDA10H0BD ITT-SDA10H0BD Datasheet
251Kb / 3P
   Low Profile DIP Switches
More results

Similar Description - SDA10H0B

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SDA01H0BD ITT-SDA01H0BD Datasheet
251Kb / 3P
   Low Profile DIP Switches
logo
C&K Components
SD CK-COMPONENTS-SD Datasheet
215Kb / 3P
   Low Profile DIP Switches
9 January 2018
SDSWITCH CK-COMPONENTS-SDSWITCH Datasheet
106Kb / 3P
   Low Profile DIP Switches
logo
ITT Industries
SD02H0B ITT-SD02H0B Datasheet
283Kb / 3P
   Low Profile DIP Switches
logo
C&K Components
SDA CK-COMPONENTS-SDA_V01 Datasheet
135Kb / 3P
   Low Profile DIP Switches
SDB CK-COMPONENTS-SDB Datasheet
763Kb / 4P
   Low Profile DIP Switches
18 oct 18
SD02H0B CK-COMPONENTS-SD02H0B Datasheet
157Kb / 3P
   Low Profile DIP Switches
SDA CK-COMPONENTS-SDA_V02 Datasheet
426Kb / 4P
   Low Profile DIP Switches
28 may 18
logo
List of Unclassifed Man...
MS-100198 ETC2-MS-100198 Datasheet
76Kb / 1P
   Ultra-Low Profile DIP Switches
logo
C&K Components
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com