Electronic Components Datasheet Search |
|
SD06H1B Datasheet(PDF) 1 Page - C&K Components |
|
SD06H1B Datasheet(HTML) 1 Page - C&K Components |
1 / 3 page H H–11 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ck-components.com Specifications SWITCH FUNCTION: SPST - 2, 3, 4, 5, 6, 7, 8, 9, 10 & 12 positions CONTACT RATING: Carry: 100 mA @ 50 V DC max. Switch: 0.1 mA @ 5 V DC min to 100 mA @ 25 V DC max. MECHANICAL AND ELECTRICAL LIFE: 2,000 make-and-break cycles at full load, each circuit. CONTACT RESISTANCE: Below 50 milliohms typ. initial @ 2-4 V DC, 100mA. INSULATION RESISTANCE: 109 ohms min. DIELECTRIC STRENGTH: 500 V RMS min. @ sea level between adjacent terminals. STORAGE TEMPERATURE: -40°C to 85°C. OPERATING TEMPERATURE: -40°C to 85°C. OPERATING FORCE: 100-700g inital. SD Series Low Profile DIP Switches PACKAGING: Thru-hole switches supplied in rigid dispensing tubes in full-tube quantities only: this may effect order quantity. Surface mount switches available in tape and reel packaging by added ‘R’ to end of part number; 1,000 pieces per reel. Switch position 1 denotes pin number 1. All switch actuators in ‘OFF’ position, standard. Materials CASE & COVER: Thru-hole: polyester (PBT). Surface mount: (PPA), flame retardant (UL 94V-0). ACTUATOR: Nylon, flame retardant (UL 94V-0) CONTACTS: BeCu with gold plate. TERMINALS: Bright tin-plated brass. TERMINAL SEAL: All terminals insert molded. TAPE SEAL: Polyimide. Note: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Features/Benefits • Low profile design saves space • Thru-hole and surface mount models • Tape and reel packaging available • Sealed with top tape • RoHS compliant Typical Applications • Address switch for industrial controls • Logic switching for computers and peripherals • Function controlling for numerous applications Number of Positions SD02 SD07 SD03 SD08 SD04 SD09 SD05 SD10 SD06 SD12 Actuator H0 Flush Actuator H1 Extended Actuator Terminals S Surface Mount (None) PC ThruHole Contact Material B Gold Process Seal (None) tape seal D No tape seal Packaging (None) Tubes R Tape and Reel D S B Build-A-Switch How To Order Complete part numbers for SD Series are shown on pages H–11 through H–13. All switches supplied in “OFF” position in rigid dispensing tubes or tape and reel packaging. |
Similar Part No. - SD06H1B |
|
Similar Description - SD06H1B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |