Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

340104017B Datasheet(PDF) 3 Page - C&K Components

Part # 340104017B
Description  D*BM Series compliant
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

340104017B Datasheet(HTML) 3 Page - C&K Components

  340104017B Datasheet HTML 1Page - C&K Components 340104017B Datasheet HTML 2Page - C&K Components 340104017B Datasheet HTML 3Page - C&K Components 340104017B Datasheet HTML 4Page - C&K Components 340104017B Datasheet HTML 5Page - C&K Components 340104017B Datasheet HTML 6Page - C&K Components 340104017B Datasheet HTML 7Page - C&K Components 340104017B Datasheet HTML 8Page - C&K Components 340104017B Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
D*BM Series compliant with ESA/ESCC 3401/080 specification
Connectors Savers, Electrical, Rectangular, Non-Removable
Signal Contacts, and Removable Coaxial and Power Contact For
D*Subminiature
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
www.ck-components.com
3
How to Order :
● Connectors D*BM - ESA/ESCC 3401-080 without Power or Coaxial Contacts (Flying Models) :
(
Manufacturing Control and documentation compliant with ESA ESCC specifications 3401-080)
Shell
Size
Contact
arrangement
ESA / ESCC 3401080
Connector Description
C&K
Part Number
E
9
340108001B DEBM9PSNMB
C115371-6950
E
5W1
340108001B DEBM5W1PSNMB
C115371-6951
A
15
340108001B DABM15PSNMB
C115371-6952
A
3WK3
340108001B DABM3WK3PSNMB
C115371-6953
A
3W3
340108001B DABM3W3PSNMB
C115371-6954
A
7W2
340108001B DABM7W2PSNMB
C115371-6955
A
11W1
340108001B DABM11W1PSNMB
C115371-6956
B
25
340108001B DBBM25PSNMB
C115371-6957
B
5W5
340108001B DBBM5W5PSNMB
C115371-6958
B
9W4
340108001B DBBM9W4PSNMB
C115371-6959
B
13W3
340108001B DBBM13W3PSNMB
C115371-6960
B
17W2
340108001B DBBM17W2PSNMB
C115371-6961
B
21W1
340108001B DBBM21W1PSNMB
C115371-6962
C
37
340108001B DCBM37PSNMB
C115371-6963
C
8W8
340108001B DCBM8W8PSNMB
C115371-6964
C
13W6
340108001B DCBM13W6PSNMB
C115371-6965
C
17W5
340108001B DCBM17W5PSNMB
C115371-6966
C
21WA4
340108001B DCBM21WA4PSNMB C115371-6967
C
25W3
340108001B DCBM25W3PSNMB
C115371-6968
C
27W2
340108001B DCBM27W2PSNMB
C115371-6969
D
50
340108001B DDBM50PSNMB
C115371-6970
D
24W7
340108001B DDBM24W7PSNMB
C115371-6971
D
36W4
340108001B DDBM36W4PSNMB
C115371-6972
D
43W2
340108001B DDBM43W2PSNMB
C115371-6973
D
47W1
340108001B DDBM47W1PSNMB
C115371-6974
● Power Contacts – ESA / ESCC 3401-040 (Flying Models) :
ESA / ESCC 3401040 Contact Description
C&K Part-Number
340104017B
C115366-2189C
● Coaxial Contacts – ESA / ESCC 3401-004 (Flying Models) :
ESA / ESCC 3401004 Contact Description
C&K Part-Number
340100425B
C115366-2190C


Similar Part No. - 340104017B

ManufacturerPart #DatasheetDescription
logo
ITT Industries
340104010B ITT-340104010B Datasheet
9Mb / 301P
   D Subminiature Connectors
340104011B ITT-340104011B Datasheet
9Mb / 301P
   D Subminiature Connectors
340104012B ITT-340104012B Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - 340104017B

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
BM SHARMA-BM Datasheet
352Kb / 2P
   BM Series
logo
Cooper Bussmann, Inc.
BM6031PQ COOPER-BM6031PQ Datasheet
113Kb / 1P
   Supplementary Fuseblocks BM Series
logo
ERNI Electronics
100201930001 ERNI-100201930001 Datasheet
142Kb / 1P
   Federleiste SMD, 91-pol. BM
logo
PHOENIX CONTACT
1676828 PHOENIX-1676828 Datasheet
94Kb / 3P
   HC-M-BM
logo
ERNI Electronics
DC0008057 ERNI-DC0008057 Datasheet
162Kb / 1P
   Federleiste SMD. 133-pol. BM Female Con. SMD. 133 cont. BM
logo
C&K Components
3401-080 CK-COMPONENTS-3401-080 Datasheet
412Kb / 12P
   3401-080 D*BM Connector Savers for D*M Combination Arrangement
logo
ERNI Electronics
DC0008060 ERNI-DC0008060 Datasheet
152Kb / 1P
   Messerleiste SMD. 133-pol. BM Male Con. SMD. 133 cont. BM
394256 ERNI-394256 Datasheet
162Kb / 1P
   Federleiste SMD, 133-pol. BM
100101930001 ERNI-100101930001 Datasheet
117Kb / 1P
   Messerleiste SMD, 91-pol. BM
374723 ERNI-374723 Datasheet
164Kb / 1P
   Messerl. 1mm SMD 50pol. BM EMV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com