Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMSMH130P00PC Datasheet(PDF) 4 Page - C&K Components

Part # ZMSMH130P00PC
Description  Subminiature Snap-acting Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ZMSMH130P00PC Datasheet(HTML) 4 Page - C&K Components

  ZMSMH130P00PC Datasheet HTML 1Page - C&K Components ZMSMH130P00PC Datasheet HTML 2Page - C&K Components ZMSMH130P00PC Datasheet HTML 3Page - C&K Components ZMSMH130P00PC Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
J
J–69
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
www.ck-components.com
ZMSM Series with Mounting Hole
Subminiature Snap-acting Switches (Dust Proof)
MOUNTING STYLES
Third Angle
Projection
J WIRE LEADS BOTTOM
(IP67)
CIRCUITRY
M
3.30 DIAMETER MOUNTING HOLE WITH STUD
14,7
[.579 ]
19,75
[.778 ]
6
[.236]
3,7
[.146 ]
2,6
[.102 ]
2,2
.087
[]
12,2
[.480 ]
2,6
[.102 ]
3,3
.130
[]
2
[.079 ]
7,5
[.295 ]
12
[.472]
304.8
[12.000]
3.17
[.125 ]
GRAY
N.C.
BLUE
N.O.
BLACK
COM
NC
NO
COM
TERMINATIONS
P
PC THRU-HOLE
S
SOLDER TYPE
1,7
[.067 ]
2,5
TYP
[.098 ]
4,13
[.163 ]
4,13
[.163 ]
2,8
[.110 ]
0,5
TYP
[.020 ]
5,08
[.200 ]
5,08
[.200]
2,5
[.098 ]
2,8
[.110 ]
0,5± 0,05
.020 ± .001
[
]
TYP
0,6 ± 0,1
.024 ± .003
[
]
Standard Wire: 20 AWG UL 1007
Available options - must specify
22AWG UL1430
24AWG UL1061
26AWG UL1330
C
SPDT (Single Pole, Double Throw)
W SPST, NC (Single Pole, Single Throw, Normally Closed)
Y
SPST, NO (Single Pole, Single Throw, Normally Open)
PC MOUNTING HOLE
3 ø 1,22 ± .127
(.048 ± .005)
5,08
(.200)
5,08
(.200)


Similar Part No. - ZMSMH130P00PC

ManufacturerPart #DatasheetDescription
logo
C&K Components
ZMSM-H-0130P00JLC CK-COMPONENTS-ZMSM-H-0130P00JLC Datasheet
515Kb / 4P
   Mini Size Snap-acting Switches
2021
ZMSM-H-0130P00JLW CK-COMPONENTS-ZMSM-H-0130P00JLW Datasheet
515Kb / 4P
   Mini Size Snap-acting Switches
2021
ZMSM-H-0130P00JLY CK-COMPONENTS-ZMSM-H-0130P00JLY Datasheet
515Kb / 4P
   Mini Size Snap-acting Switches
2021
ZMSM-H-0130P00JMC CK-COMPONENTS-ZMSM-H-0130P00JMC Datasheet
515Kb / 4P
   Mini Size Snap-acting Switches
2021
ZMSM-H-0130P00JMW CK-COMPONENTS-ZMSM-H-0130P00JMW Datasheet
515Kb / 4P
   Mini Size Snap-acting Switches
2021
More results

Similar Description - ZMSMH130P00PC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
   Subminiature Snap-acting Switches
logo
C&K Components
LCA CK-COMPONENTS-LCA Datasheet
177Kb / 5P
   Subminiature Snap-acting Switches
ZMA CK-COMPONENTS-ZMA Datasheet
210Kb / 4P
   Subminiature Snap-acting Switches
ZM CK-COMPONENTS-ZM Datasheet
192Kb / 3P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMCJCHF7P0L0T ITT-ZMCJCHF7P0L0T Datasheet
235Kb / 3P
   Subminiature Snap-acting Switches
logo
C&K Components
ZMCJF7P0T CK-COMPONENTS-ZMCJF7P0T Datasheet
179Kb / 3P
   Subminiature Snap-acting Switches
ZMA CK-COMPONENTS-ZMA_V01 Datasheet
397Kb / 4P
   Subminiature Snap-acting Switches
2018
LCS CK-COMPONENTS-LCS Datasheet
213Kb / 4P
   Subminiature Sealed Snap-acting Switches
logo
ITT Industries
LCGGF5P00EC ITT-LCGGF5P00EC Datasheet
273Kb / 4P
   Subminiature Precision Snap-acting Switches
logo
C&K Components
LCGGF5P00ECUE CK-COMPONENTS-LCGGF5P00ECUE Datasheet
1Mb / 4P
   Subminiature Precision Snap-acting Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com