Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA10H0SBD Datasheet(PDF) 2 Page - C&K Components

Part # SDA10H0SBD
Description  Low Profile DIP Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SDA10H0SBD Datasheet(HTML) 2 Page - C&K Components

  SDA10H0SBD Datasheet HTML 1Page - C&K Components SDA10H0SBD Datasheet HTML 2Page - C&K Components SDA10H0SBD Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
H
H–9
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
PEELABLE
TAPE SEAL
.183
(4,65)
.100
(2,54)
.010
(0,25)
.024
(0,61)
.063
(1,60)
.320
(8,13)
.295
(7,49)
12
3456
78
DIM 'A'
.051
(1,30)
.100 TYP.
(2,54)
.300 TYP.
(7,6)
Ø.031 TYP.
(0,8)
.106
(2,70)
TRAVEL
.138
(3,5)
Flush Actuator – With Top Tape, Thru-hole Terminals
12
3456
78
PEELABLE
TAPE SEAL
DIM 'A'
.100
(2,54)
.031
(0,79)
.024
(0,61)
.240 TYP.
(6,10)
.059 MIN.
(1,50)
.051
(1,30)
.366
(9,30)
.295
(7,49)
.100
(2,54)
TYP.
.175
(4,45)
.409 MIN.
(10,4)
TRAVEL
Flush Actuator – With Top Tape, Surface Mount Terminals
12
3456
78
DIM 'A'
.100
(2,54)
.031
(0,79)
.024
(0,61)
.240 TYP.
(6,10)
.059 MIN.
(1,50)
.051
(1,30)
.366
(9,30)
.295
(7,49)
.100
(2,54)
TYP.
.409 MIN.
(10,4)
.175
(4,45)
TRAVEL
.138
(3,5)
Flush Actuator – No Tape, Surface Mount Terminals
SDA Series
Low Profile DIP Switches
SDA08H0B
SDA08H0SB
SDA08H0SBD
ROHS
NO.
QUANTITY
PART NUMBER
POS.
DIM. ‘A’
PER TUBE
SDA01H0B
1
.178 (4,52)
100
SDA02H0B
2
.278 (7,06)
60
SDA03H0B
3
.378 (9,60)
45
SDA04H0B
4
.476 (12,10)
35
SDA05H0B
5
.578 (14,68)
30
SDA06H0B
6
.676 (17,18)
25
SDA07H0B
7
.778 (19,76)
20
SDA08H0B
8
.876 (22,26)
20
SDA09H0B
9
.978 (24,84)
15
SDA10H0B
10
1.076 (27,34)
15
SDA12H0B
12
1.279 (32,50)
14
Schematic
SPST
ROHS
NO.
QUANTITY
PART NUMBER
POS.
DIM. ‘A’
PER TUBE
SDA01H0SB
1
.178 (4,52)
100
SDA02H0SB
2
.278 (7,06)
60
SDA03H0SB
3
.378 (9,60)
45
SDA04H0SB
4
.476 (12,10)
35
SDA05H0SB
5
.578 (14,68)
30
SDA06H0SB
6
.676 (17,18)
25
SDA07H0SB
7
.778 (19,76)
20
SDA08H0SB
8
.876 (22,26)
20
SDA09H0SB
9
.978 (24,84)
15
SDA10H0SB
10
1.076 (27,34)
15
SDA12H0SB
12
1.279 (32,50)
14
Schematic
SPST
ROHS
NO.
QUANTITY
PART NUMBER
POS.
DIM. ‘A’
PER TUBE
SDA01H0SBD
1
.178 (4,52)
100
SDA02H0SBD
2
.278 (7,06)
60
SDA03H0SBD
3
.378 (9,60)
45
SDA04H0SBD
4
.476 (12,10)
35
SDA05H0SBD
5
.578 (14,68)
30
SDA06H0SBD
6
.676 (17,18)
25
SDA07H0SBD
7
.778 (19,76)
20
SDA08H0SBD
8
.876 (22,26)
20
SDA09H0SBD
9
.978 (24,84)
15
SDA10H0SBD
10
1.076 (27,34)
15
SDA12H0SBD
12
1.279 (32,50)
14
Schematic
SPST
NOTE: SDA 01 options are 4,25mm thick
NOTE: SDA 01 options are 4,25mm thick
NOTE: SDA 01 options are 4,25mm thick


Similar Part No. - SDA10H0SBD

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SDA10H0SBD ITT-SDA10H0SBD Datasheet
251Kb / 3P
   Low Profile DIP Switches
More results

Similar Description - SDA10H0SBD

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SDA01H0BD ITT-SDA01H0BD Datasheet
251Kb / 3P
   Low Profile DIP Switches
logo
C&K Components
SD CK-COMPONENTS-SD Datasheet
215Kb / 3P
   Low Profile DIP Switches
9 January 2018
SDSWITCH CK-COMPONENTS-SDSWITCH Datasheet
106Kb / 3P
   Low Profile DIP Switches
logo
ITT Industries
SD02H0B ITT-SD02H0B Datasheet
283Kb / 3P
   Low Profile DIP Switches
logo
C&K Components
SDA CK-COMPONENTS-SDA_V01 Datasheet
135Kb / 3P
   Low Profile DIP Switches
SDB CK-COMPONENTS-SDB Datasheet
763Kb / 4P
   Low Profile DIP Switches
18 oct 18
SD02H0B CK-COMPONENTS-SD02H0B Datasheet
157Kb / 3P
   Low Profile DIP Switches
SDA CK-COMPONENTS-SDA_V02 Datasheet
426Kb / 4P
   Low Profile DIP Switches
28 may 18
logo
List of Unclassifed Man...
MS-100198 ETC2-MS-100198 Datasheet
76Kb / 1P
   Ultra-Low Profile DIP Switches
logo
C&K Components
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com