Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDS002 Datasheet(PDF) 1 Page - C&K Components

Part # DDS002
Description  Micro Mini Thru-hole Detect Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

DDS002 Datasheet(HTML) 1 Page - C&K Components

  DDS002 Datasheet HTML 1Page - C&K Components DDS002 Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E
E–24
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
Third Angle
Projection
DDS Series
Micro Mini Thru-hole Detect Switches
Features/Benefits
Vertical or horizontal actuation
2mm overtravel—Ideal for
detector applications
Low actuations force
(less than 40 grams)
RoHS compliant and compatible
Typical Applications
Detect the presence of a
mechanical device
Medical devices
Consumer electronic devices
Specifications
CONTACT RATING: 0.1A @ 30 VDC.
MECHANICAL & ELECTRICAL LIFE: 50,000 cycles.
CONTACT RESISTANCE: 150 m
Ω max. initial.
INSULATION RESISTANCE: 100 M
Ω min. @ 100 VDC.
OPERATING TEMPERATURE: –20ºC to +70ºC.
DIELECTRIC STRENGTH: 100 volts AC @ 60 Hz.
PACKAGING: Bulk.
Materials
HOUSING: P.P.S.
ACTUATOR: PA66
MOVABLE CONTACT: Tin bronze, silver plated.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
How To Order
Complete part numbers for DDS Series Switches are shown below.
DDS001
SPST
PC MOUNTING
SPST N.O.
Vertical Actuator
DDS001
SCHEMATIC
DESCRIPTION
PART NUMBER


Similar Part No. - DDS002

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DDS002 ITT-DDS002 Datasheet
261Kb / 2P
   Micro Mini Thru-hole Detect Switches
logo
C&K Components
DDS002 CK-COMPONENTS-DDS002 Datasheet
391Kb / 3P
   Micro Mini Thru-hole Detect Switches
10 Mar 22
More results

Similar Description - DDS002

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DDS001 ITT-DDS001 Datasheet
261Kb / 2P
   Micro Mini Thru-hole Detect Switches
logo
C&K Components
DDS CK-COMPONENTS-DDS_V01 Datasheet
391Kb / 3P
   Micro Mini Thru-hole Detect Switches
10 Mar 22
logo
ITT Industries
KSU ITT-KSU Datasheet
91Kb / 3P
   Micro Mini Surface Mount Detect Switches
HDT0001 ITT-HDT0001 Datasheet
159Kb / 1P
   Micro Mini Surface Mount Detect Switches
logo
C&K Components
HDT CK-COMPONENTS-HDT Datasheet
228Kb / 4P
   Micro Mini Surface Mount Detect Switches
KSU CK-COMPONENTS-KSU Datasheet
172Kb / 2P
   Micro Mini Surface Mount Detect Switches
HDT CK-COMPONENTS-HDT_V01 Datasheet
393Kb / 5P
   Micro Mini Surface Mount Detect Switches
14 Mar 22 www.ckswitches.com
KSU CK-COMPONENTS-KSU_V01 Datasheet
185Kb / 2P
   Micro Mini Surface Mount Detect Switches
2017
HDT CK-COMPONENTS-HDT_V02 Datasheet
452Kb / 5P
   Micro Mini Surface Mount Detect Switches
24 Oct 22
FDSD CK-COMPONENTS-FDSD Datasheet
324Kb / 2P
   Micro Mini Side Actuated Detect Switches
10 Sep 19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com