Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFLZ11 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DFLZ11
Description  1 Watt Zener Diode 6.2V - 39V Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DFLZ11 Datasheet(HTML) 1 Page - Micro Commercial Components

  DFLZ11 Datasheet HTML 1Page - Micro Commercial Components DFLZ11 Datasheet HTML 2Page - Micro Commercial Components DFLZ11 Datasheet HTML 3Page - Micro Commercial Components DFLZ11 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DFLZ6V2
THRU
DFLZ39
1 Watt
Zener Diode
6.2V - 39V Volts
Features
1.0W Power Dissipation
High Surge Capability
Ideally Suited for Automatic Assembly
Standard VZ Tolerance is +/- 5%
Storage Temperature Range(TSTG): -55
to +150
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
Operating Temperature Range(Tj): -55
to +150
Symbol
Value
Units
Zener Current
IZM
Pd/Vz
mA
Power Dissipation
@TA=50oC
Ptot
1000
m
W
Junction to
Soldering Point
Thermal resistance
1
10
oC/W
RthJA
Forward Voltage@IF = 200mA
VF
V
1.2
RthJS
9
oC/W
www.mccsemi.com
1 of 4
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
.037
.053
0.95
1.35
E
.020
.039
0.50
1.00
G
.010
-----
0.25
-----
H
-----
.008
----
.20
A
B
E
C
D
H
G
SOD-123FL
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note :1.High Temperature Solder Exemptions Applied,See EU Directive Annex 7.
Maximum Ratings


Similar Part No. - DFLZ11

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLZ11 DIODES-DFLZ11 Datasheet
188Kb / 3P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 4 - 2
logo
Micro Commercial Compon...
DFLZ11 MCC-DFLZ11 Datasheet
341Kb / 4P
   Halogen free available upon request by adding suffix -HF
DFLZ11 MCC-DFLZ11 Datasheet
341Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
DFLZ11 MCC-DFLZ11 Datasheet
341Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
DFLZ11 MCC-DFLZ11 Datasheet
366Kb / 4P
   1 Watt Zener Diode 5.1V - 100V Volts
More results

Similar Description - DFLZ11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DFLZ39-TP MCC-DFLZ39-TP Datasheet
341Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
DFLZ16-TP MCC-DFLZ16-TP Datasheet
341Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
SMAZ9V1-TP MCC-SMAZ9V1-TP Datasheet
311Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ10HE3 MCC-SMAZ10HE3 Datasheet
309Kb / 4P
   1 Watt Zener Diode 10V - 39V Volts
SMAZ8V2-TP MCC-SMAZ8V2-TP Datasheet
313Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ5V1 MCC-SMAZ5V1 Datasheet
227Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ20-TP MCC-SMAZ20-TP Datasheet
311Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
logo
List of Unclassifed Man...
SMAZ22-TP ETC2-SMAZ22-TP Datasheet
301Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
logo
Micro Commercial Compon...
SMAZ18-TP MCC-SMAZ18-TP Datasheet
313Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ16-TP MCC-SMAZ16-TP Datasheet
313Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com