Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS5U13 Datasheet(PDF) 3 Page - Rohm

Part # QS5U13
Description  2.5V Drive NchSBD MOS FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QS5U13 Datasheet(HTML) 3 Page - Rohm

  QS5U13 Datasheet HTML 1Page - Rohm QS5U13 Datasheet HTML 2Page - Rohm QS5U13 Datasheet HTML 3Page - Rohm QS5U13 Datasheet HTML 4Page - Rohm QS5U13 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
QS5U13
Transistors
Rev.A
3/4
Electrical characteristic curves
<MOSFET>
0.0
0.5
1.0
1.5
2.0
2.5
GATE-SOURCE VOLTAGE : VGS (V)
0.001
0.01
0.1
1
10
Fig.1 Typical Transfer Characteristics
VDS
=10V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
0.1
1
10
10
100
1000
DRAIN CURRENT : ID (A)
Fig.2 Static Drain-Source On-State
Resistance vs. Drain Current
VGS
=4.5V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
0.1
1
10
10
100
1000
DRAIN CURRENT : ID (A)
Fig.3 Static Drain-Source On-State
Resistance vs. Drain Current
VGS
=4.0V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current
DRAIN CURRENT : ID (A)
0.1
1
10
10
100
1000
VGS
=2.5V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
0123456789
10
GATE-SOURCE VOLTAGE : VGS (V)
0
100
200
300
Fig.5 Static Drain-Source
On-State Resistance vs.
Gate-Source Voltage
Ta
=25°C
Pulsed
ID
=2A
ID
=1A
0.1
1
10
DRAIN CURRENT : ID (A)
10
100
1000
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current
Ta
=25°C
Pulsed
VGS
=2.5V
VGS
=4V
VGS
=4.5V
0.0
0.5
1.0
1.5
SOURCE-DRAIN VOLTAGE : VSD (V)
0.01
0.1
1
10
VGS
=0V
Pulsed
Fig.7 Reverse Drain Current
vs. Source-Drain Current
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
0.01
0.1
1
10
100
DRAIN-SOURCE VOLTAGE : VDS (V)
100
1000
10
Ta
=25°C
f
=1MHz
VGS
=0V
Fig.8 Typical Capacitance
vs. Drain-Source Voltage
Ciss
Coss
Crss
0.01
0.1
1
10
DRAIN CURRENT : ID (A)
1
10
100
1000
Fig.9 Switching Characteristics
td (off)
td (on)
tr
tf
Ta
=25°C
VDD
=15V
VGS
=4.5V
RG
=10
Pulsed


Similar Part No. - QS5U13

ManufacturerPart #DatasheetDescription
logo
Rohm
QS5U13 ROHM-QS5U13 Datasheet
66Kb / 5P
   Small switching (30V, 2.0A)
More results

Similar Description - QS5U13

ManufacturerPart #DatasheetDescription
logo
Rohm
QS5U16 ROHM-QS5U16_06 Datasheet
90Kb / 5P
   2.5V Drive NchSBD MOS FET
US5U1 ROHM-US5U1 Datasheet
62Kb / 3P
   2.5V Drive NchSBD MOS FET
QS5U17 ROHM-QS5U17_1 Datasheet
89Kb / 5P
   2.5V Drive NchSBD MOS FET
QS5U12 ROHM-QS5U12_1 Datasheet
89Kb / 5P
   2.5V Drive NchSBD MOS FET
UM6K1N ROHM-UM6K1N_1 Datasheet
76Kb / 4P
   2.5V Drive NchNch MOS FET
QS5K2 ROHM-QS5K2 Datasheet
67Kb / 3P
   2.5V Drive NchNch MOS FET
QS6K1TR ROHM-QS6K1TR Datasheet
68Kb / 4P
   2.5V Drive NchNch MOS FET
UM5K1N ROHM-UM5K1N_06 Datasheet
81Kb / 4P
   2.5V Drive NchNch MOS FET
QS6K1 ROHM-QS6K1_1 Datasheet
79Kb / 4P
   2.5V Drive NchNch MOS FET
EM6K1 ROHM-EM6K1_1 Datasheet
75Kb / 4P
   2.5V Drive NchNch MOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com