Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LJ64H034 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LJ64H034
Description  EL Display Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LJ64H034 Datasheet(HTML) 1 Page - Sharp Corporation

  LJ64H034 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mass-production
LJ64H034
EL Display Module
Features
n
23 cm [8.9"] format
n
High brightness (200 cd/m2)
n
Wide viewing angle
Specifications
Parameter
Unit
Parameter
Unit
Display size
23 [8.9]
cm [ "]
Outline dimensions (W x H x D) 246.0 x 175.0 x 19.0*1
mm
Dot format (H x V)
640 x 400
dot
Weight
540*1
g
Dot pitch (H x V)
0.30 x 0.30
mm
Baseplate structure
Yes
-
Active area (H x V)
191.9 x 119.9
mm
Detachable DC/DC Converter
Detachable
-
Luminance
200*2
cd/m2
Operating temperature
-5 to +55
∞C
Supply voltage
5, 12
V
Storage temperature
-40 to +80
∞C
Power consumption panel
11 000
mW
Survival temperature
-20 to +65
∞C
& backlight
*1...Includes DC/DC converter
*2...About twice the brightness of the current model at about the same current or less
Outline Dimensions
unit : mm
Active area
19
6.8
246
3
B
191.9
(640dots)
B
236
SYM


Similar Part No. - LJ64H034

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LJ64H051 SHARP-LJ64H051 Datasheet
47Kb / 1P
   EL Display Module
LJ64H052 SHARP-LJ64H052 Datasheet
44Kb / 1P
   EL Display Module
More results

Similar Description - LJ64H034

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LJ64H051 SHARP-LJ64H051 Datasheet
47Kb / 1P
   EL Display Module
LJ024U35 SHARP-LJ024U35 Datasheet
34Kb / 1P
   EL Display Module
LJ32H028 SHARP-LJ32H028 Datasheet
40Kb / 1P
   EL Display Module
LJ44KM01 SHARP-LJ44KM01 Datasheet
43Kb / 1P
   EL Display Module
LJ64EU34 SHARP-LJ64EU34 Datasheet
43Kb / 1P
   EL Display Module
LJ64KM01 SHARP-LJ64KM01 Datasheet
48Kb / 1P
   EL Display Module
LJ280U32 SHARP-LJ280U32 Datasheet
37Kb / 1P
   EL Display Module
LJ320U27 SHARP-LJ320U27 Datasheet
40Kb / 1P
   EL Display Module
LJ64H052 SHARP-LJ64H052 Datasheet
44Kb / 1P
   EL Display Module
LJ64K051 SHARP-LJ64K051 Datasheet
47Kb / 1P
   EL Display Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com