Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC114YKA Datasheet(PDF) 3 Page - Micro Commercial Components

Part # DTC114YKA
Description  NPN Digital Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DTC114YKA Datasheet(HTML) 3 Page - Micro Commercial Components

  DTC114YKA Datasheet HTML 1Page - Micro Commercial Components DTC114YKA Datasheet HTML 2Page - Micro Commercial Components DTC114YKA Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
M C C
TM
Micro Commercial Components
products are represented on our website, harmless against all damages.
***APPLICATIONS DISCLAIMER***
***IMPORTANT NOTICE***
Aerospace or Military Applications.
Products offer by Micro Commercial Components Corp . are not intended for use in Medical,
Micro Commercial Components Corp . reserves the right to make changes without further notice to any
product herein to make corrections, modifications , enhancements , improvements , or other changes .
Micro Commercial Components Corp . does not assume any liability arising out of the application or
use of any product described herein; neither does it convey any license under its patent rights ,nor
the rights of others . The user of products in such applications shall assume all risks of such use
and will agree to hold Micro Commercial Components Corp . and all the companies whose
www.mccsemi.com
Revision: 1
2005/06/24


Similar Part No. - DTC114YKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114YKA ROHM-DTC114YKA Datasheet
89Kb / 4P
   Digital transistors (built-in resistors)
DTC114YKA ROHM-DTC114YKA Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor
logo
Jiangsu Changjiang Elec...
DTC114YKA JIANGSU-DTC114YKA Datasheet
117Kb / 2P
   Digital transistors (built-in resistors)
logo
Rectron Semiconductor
DTC114YKA RECTRON-DTC114YKA Datasheet
1Mb / 15P
   DIGITAL TRANSISTOR(NPN)
logo
SeCoS Halbleitertechnol...
DTC114YKA SECOS-DTC114YKA Datasheet
255Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
More results

Similar Description - DTC114YKA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DTC114Y SECOS-DTC114Y_15 Datasheet
228Kb / 2P
   NPN Digital Transistors
DTC144E SECOS-DTC144E_15 Datasheet
219Kb / 3P
   NPN Digital Transistors
DTC144T SECOS-DTC144T_15 Datasheet
77Kb / 2P
   NPN Digital Transistors
logo
Micro Commercial Compon...
DTC144EUA MCC-DTC144EUA Datasheet
440Kb / 2P
   NPN Digital Transistors
logo
Guangdong Kexin Industr...
KTC143ZKA KEXIN-KTC143ZKA Datasheet
212Kb / 2P
   NPN Digital transistors
logo
Micro Commercial Compon...
DTC114YE MCC-DTC114YE_13 Datasheet
222Kb / 2P
   NPN Digital Transistors
DTC143ZE MCC-DTC143ZE_13 Datasheet
248Kb / 3P
   NPN Digital Transistors
DTC123YUA MCC-DTC123YUA Datasheet
365Kb / 3P
   NPN Digital Transistors
DTC143TM MCC-DTC143TM Datasheet
585Kb / 3P
   NPN Digital Transistors
DTC114YUA MCC-DTC114YUA_09 Datasheet
89Kb / 2P
   NPN Digital Transistors
DTC144EKA MCC-DTC144EKA Datasheet
797Kb / 2P
   NPN Digital Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com