Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OD9220-24H Datasheet(PDF) 1 Page - ORION FANS

Part # OD9220-24H
Description  12, 24V DC Fan 92x20mm (3.6?쓝 0.79??
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD9220-24H Datasheet(HTML) 1 Page - ORION FANS

  OD9220-24H Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
45
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OD9220 Series
12, 24V DC Fan
92x20mm (3.6”x 0.79”)
Frame & Impeller
PBT, UL94V-O plastic
Available Options:
Tachometer - Open Collector
Locked Rotor Alarm
Connection
2x Lead wires 24AWG
Motor
Brushless DC, auto restart,
polarity protected
Bearing System
Dual ball bearing
Insulation Resistance 10Mohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Temperature Range
-10C ~ +70C
Life (L10)
65,000 hours (45C)
Model Number Speed (RPM) Airflow (CFM) Noise (dB)
Volts DC Voltage Range Amps
Max. Static
Pressure (“H2O)
OD9220-12H*
2700
32
33
12
8~16
0.25
0.13
OD9220-12M*
2400
28
31
12
8~16
0.16
0.11
OD9220-24H*
2700
32
33
24
12~28
0.14
0.125
OD9220-24M*
2400
28
31
24
12~28
0.12
0.11
* Indicate “B” to specify Ball bearing or “S” to specify Sleeve bearing
m1
77282 2009_fan_cat sec 3:Layout 1
8/3/09
11:18 AM
Page 45


Similar Part No. - OD9220-24H

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD9220-24H ORIONFANS-OD9220-24H Datasheet
110Kb / 1P
   DC Fan
OD9220-24H ORIONFANS-OD9220-24H Datasheet
198Kb / 1P
   DC Fan - 12, 24V 92x20mm (3.6?쓝 0.79??
More results

Similar Description - OD9220-24H

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD9220 ORIONFANS-OD9220_16 Datasheet
198Kb / 1P
   DC Fan - 12, 24V 92x20mm (3.6?쓝 0.79??
OD4020-SS ORIONFANS-OD4020-SS Datasheet
346Kb / 1P
   DC Fan - 12, 24V 40x20mm (1.58?쓝 0.79??
OD4020 ORIONFANS-OD4020_16 Datasheet
383Kb / 1P
   DC Fan - 5, 12, 24V 40x20mm (1.58?쓝 0.79??
OD8038 ORIONFANS-OD8038_16 Datasheet
400Kb / 1P
   DC Fan - 12, 24V 80x38mm (3.15?쓝 1.5??
OD6020 ORIONFANS-OD6020 Datasheet
116Kb / 1P
   DC Fan - 12, 24V 60x20mm (2.36?쓝 .79??
OD6020 ORIONFANS-OD6020_16 Datasheet
429Kb / 1P
   DC Fan - 12, 24V 60x20mm (2.36?쓝 .79??
OD4010-SS ORIONFANS-OD4010-SS Datasheet
224Kb / 1P
   DC Fan - 12, 24V 40x10mm (1.58?쓝 0.39??
OD4020 ORIONFANS-OD4020 Datasheet
124Kb / 1P
   DC Fan - 5, 12, 24V 40x20mm (1.58 x 0.79)
OD4028 ORIONFANS-OD4028_16 Datasheet
376Kb / 1P
   DC Fan - 5, 12, 24V 40x28mm (1.58?쓝 1.10??
OD4028 ORIONFANS-OD4028 Datasheet
112Kb / 1P
   DC Fan - 5, 12, 24V 40x28mm (1.58?쓝 1.10??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com