Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4088 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT4088
Description  28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4088 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT4088 Datasheet HTML 2Page - Active-Semi, Inc ACT4088 Datasheet HTML 3Page - Active-Semi, Inc ACT4088 Datasheet HTML 4Page - Active-Semi, Inc ACT4088 Datasheet HTML 5Page - Active-Semi, Inc ACT4088 Datasheet HTML 6Page - Active-Semi, Inc ACT4088 Datasheet HTML 7Page - Active-Semi, Inc ACT4088 Datasheet HTML 8Page - Active-Semi, Inc ACT4088 Datasheet HTML 9Page - Active-Semi, Inc ACT4088 Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ACT4088
Rev 1, 14-Feb-11
Innovative PowerTM
- 6 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
FUNCTIONAL BLOCK DIAGRAM
FUNCTIONAL DESCRIPTION
The ACT4088 is a current-mode step-down DC/DC
converter that provides excellent transient response
with no extra external compensation components.
This device contains an internal, low-resistance,
high-voltage power MOSFET, and operates at a
high 1.4MHz operating frequency to ensure a com-
pact, high-efficiency design with excellent AC and
DC performance.
Setting the Output Voltage
An external voltage divider is used to set the output
voltage, as well as provide a known impedance
from VOUT to FB for compensation purposes. Con-
nect a 50kΩ resistor from the output to FB to ensure
stable compensation, and select the bottom resistor
to provide the desired regulation voltage.
Figure 1:
Output Voltage Setting
The feedback resistor (RFB1) interacts with the inter-
nal compensation network, and plays an important
in setting the ACT4088's transient response and
ensuring stability. For most applications, choosing
RFB1 = 49.9kΩ provides good results. For applica-
tions with output voltages of 1.8V or lower, use a
larger RFB1 value such as 80.6kΩ. Once RFB1 is
chosen, use the following equation to choose RFB2:
Selecting the Inductor
The ACT4088 was optimized for use with a 4.7µH
inductor. When choosing an inductor, choose one
with a DC resistance of less than 250mΩ and a DC
current rating that is typically 30% higher than the
maximum load current.
During typical operation, the inductor maintains a
continuous current to output load. The inductor
current has a ripple that is dependent on the
inductance value.
Higher inductance reduces the peak-to-peak ripple
current. The trade off for high inductance value is
the increase in inductor core size and series
resistance, and a reduction in current handling
capability.
If efficiency at light loads (such as less than 100mA)
is critical in the application, a larger inductor is
recommended.
RFB1
RFB2
VOUT
ACT4088
FB
IN
EN
FB
G
REFERENCE
& THERMAL
SHUTDOWN
CONTROL
SOFT-START
PWM Comparator
ILIM Comparator
HICCUP
REGULATOR
& UVLO
OSCILLATOR
COMPENSATION
DRIVER
CSA
Q1
BST
SW
EA
=
1
V
81
.
0
V
R
R
OUT
1
FB
2
FB
(1)


Similar Part No. - ACT4088

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4088 ACTIVE-SEMI-ACT4088 Datasheet
1Mb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev PrA, 24-Jul-07
ACT4088 ACTIVE-SEMI-ACT4088 Datasheet
482Kb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev0, 13-May-08
ACT4088 ACTIVE-SEMI-ACT4088 Datasheet
495Kb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev 2, 15-Nov-12
ACT4088 ACTIVE-SEMI-ACT4088 Datasheet
494Kb / 12P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev 2, 15-Nov-12
ACT4088US-T ACTIVE-SEMI-ACT4088US-T Datasheet
1Mb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev PrA, 24-Jul-07
More results

Similar Description - ACT4088

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4088 ACTIVE-SEMI-ACT4088 Datasheet
1Mb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev PrA, 24-Jul-07
ACT4088 ACTIVE-SEMI-ACT4088_08 Datasheet
482Kb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev0, 13-May-08
ACT4088 ACTIVE-SEMI-ACT4088_12 Datasheet
495Kb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev 2, 15-Nov-12
ACT4088 ACTIVE-SEMI-ACT4088_14 Datasheet
494Kb / 12P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev 2, 15-Nov-12
ACT4082A ACTIVE-SEMI-ACT4082A Datasheet
425Kb / 11P
   16V, 1.2A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev0, 16-May-08
logo
Global Mixed-mode Techn...
G5756 GMT-G5756 Datasheet
110Kb / 1P
   1.5A, 1.4MHz Step-down DC/DC
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
   1.5A, 1.4MHz Step-Down Converter
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
   1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com