Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232HL Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # FT232HL
Description  FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232HL Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button FT232HL Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232HL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232HL Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232HL Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232HL Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232HL Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232HL Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232HL Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232HL Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
Copyright © 2011 Future Technology Devices International Limited
11
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.3
Clearance No.: FTDI #199
30
ACBUS6
I/O
Configurable ACBUS I/O Pin. Function of this pin is configured in the device
EEPROM. If the external EEPROM is not fitted the default configuration is TriSt-PU.
See ACBUS Signal Options, Table 3.5.
31
ACBUS7
I/O
Configurable ACBUS I/O Pin. Function of this pin is configured in the device
EEPROM. If the external EEPROM is not fitted the default configuration is TriSt-PD.
See ACBUS Signal Options, Table 3.5.
32
ACBUS8
I/O
Configurable ACBUS I/O Pin. Function of this pin is configured in the device
EEPROM. If the external EEPROM is not fitted the default configuration is TriSt-PU.
See ACBUS Signal Options, Table 3.5.
33
ACBUS9
I/O
Configurable ACBUS I/O Pin. Function of this pin is configured in the device
EEPROM. If the external EEPROM is not fitted the default configuration is TriSt-PU.
See ACBUS Signal Options, Table 3.5.
Table 3.4 UART Interface and ACBUS Group (see note 1)
Notes:
1. When used in Input Mode, the input pins are pulled to VCCIO via internal 75kΩ (approx) resistors.
These pins can be programmed to gently pull low during USB suspend (PWREN# = “1”) by setting an
option in the EEPROM.


Similar Part No. - FT232HL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT232HL-REEL ETC2-FT232HL-REEL Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT232HL-REEL FTDI-FT232HL-REEL Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
logo
List of Unclassifed Man...
FT232HL-TRAY ETC2-FT232HL-TRAY Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT232HL-xxxx FTDI-FT232HL-xxxx Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL-xxxx FTDI-FT232HL-xxxx Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
More results

Similar Description - FT232HL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232H FTDI-FT232H Datasheet
1Mb / 65P
   FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HQ-REEL FTDI-FT232HQ-REEL Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HQ-TRAY FTDI-FT232HQ-TRAY Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL-REEL FTDI-FT232HL-REEL Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT2232H FTDI-FT2232H_10 Datasheet
1Mb / 63P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
FT2232HQ-REEL FTDI-FT2232HQ-REEL Datasheet
1Mb / 90P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT2232H FTDI-FT2232H_12 Datasheet
2Mb / 67P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT4232HQ-REEL FTDI-FT4232HQ-REEL Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
FT4232HL-REEL FTDI-FT4232HL-REEL Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
FT-MOD-4232HUB FTDI-FT-MOD-4232HUB Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com