Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3023 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3023
Description  BROADBAND MEDIUM POWER SPDT SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3023 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3023 Datasheet HTML 1Page - RF Micro Devices RF3023 Datasheet HTML 2Page - RF Micro Devices RF3023 Datasheet HTML 3Page - RF Micro Devices RF3023 Datasheet HTML 4Page - RF Micro Devices RF3023 Datasheet HTML 5Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
1 of 5
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
RF MEMS
RF3023
BROADBAND MEDIUM POWER SPDT SWITCH
The RF3023 is a GaAs pHEMT single-pole double-throw (SPDT) switch
designed for general purpose switching applications which require very
low insertion loss, moderate isolation, and medium power handling capa-
bility. The RF3023 is ideally suited for battery-powered and low control
voltage applications.
300kHz to 4GHz Operation
0.25dB Insertion Loss at
1GHz
26dB Isolation at 2GHz
1.8V Minimum Control Volt-
age
28dBm P0.1dB at 3V
18dBm P0.1dB at 1.8V
58dBm IP3 at 3V
Applications
Cellular Handset Applications
Antenna Tuning Applications
IEEE 802.11b/g WLAN Appli-
cations
Cellular Infrastructure Appli-
cations
DS101111
Package: SC70, 6-Pin
RF3023
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Insertion Loss
0.25
dB
1GHz
0.3
0.4
dB
2GHz
0.45
dB
3GHz
VSWR
1.15
1GHz
1.2
2GHz
1.33
3GHz
Isolation
26
dB
1GHz
22
26
dB
2GHz
27
dB
3GHz
P1dB
31
dBm
1GHz
32
dBm
2GHz
P0.1dB
28
dBm
1GHz
IP3
60
dBm
1GHz, 1MHz Spacing, 15dBm per tone
58
dBm
2GHz, 1MHz Spacing, 15dBm per tone
TON, TOFF
40
nS
50% of VCTRL to 10/90% of RF
TRISE, TFALL
30
nS
10/90% RF
Test Conditions: 3.0V, 50
, 25°C, with Application Circuit shown herein.


Similar Part No. - RF3023

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF3023 REYCONNS-RF3023 Datasheet
248Kb / 5P
   SAW Filter
More results

Similar Description - RF3023

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3024 RFMD-RF3024 Datasheet
353Kb / 5P
   BROADBAND MEDIUM POWER SPDT SWITCH
RF1126 RFMD-RF1126 Datasheet
410Kb / 7P
   BROADBAND MEDIUM POWER SPDT SWITCH
RF1127 RFMD-RF1127 Datasheet
555Kb / 8P
   BROADBAND LOW POWER SPDT SWITCH
RFSW1012 RFMD-RFSW1012 Datasheet
863Kb / 13P
   BROADBAND SPDT SWITCH
RF1602L RFMD-RF1602L Datasheet
645Kb / 8P
   Broadband SPDT Switch
RF1602 RFMD-RF1602 Datasheet
601Kb / 8P
   Broadband SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0093 MA-COM-MASWSS0093_15 Datasheet
82Kb / 3P
   GaAs Broadband SPDT Switch
MASWSS0070_V5 MA-COM-MASWSS0070_V5 Datasheet
126Kb / 5P
   GaAs Broadband SPDT Switch
MASW-007588 MA-COM-MASW-007588_15 Datasheet
550Kb / 4P
   GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107_15 Datasheet
718Kb / 6P
   GaAs Broadband SPDT Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com