Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF6886 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF6886
Description  3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6886 Datasheet(HTML) 3 Page - RF Micro Devices

  RF6886 Datasheet HTML 1Page - RF Micro Devices RF6886 Datasheet HTML 2Page - RF Micro Devices RF6886 Datasheet HTML 3Page - RF Micro Devices RF6886 Datasheet HTML 4Page - RF Micro Devices RF6886 Datasheet HTML 5Page - RF Micro Devices RF6886 Datasheet HTML 6Page - RF Micro Devices RF6886 Datasheet HTML 7Page - RF Micro Devices RF6886 Datasheet HTML 8Page - RF Micro Devices RF6886 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3 of 16
RF6886
DS100817
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
See 865MHz to 955MHz Evaluation Board Schematic.
TA=25 °C
Operating Frequency
865
900
955
MHz
VCC=3.6V, VREG1=VREG2=3.1V, ICQ total=390mA
OP1dB
33.5
dBm
Small SIgnal Gain
31.0
dB
Saturated Output Power (PSAT)
36.2
dBm
Saturated Efficiency
50
54
%
Saturated Output Power (PSAT)
35.5
dBm
VCC=3.3V, VREG1=VREG2=3.1V ICQ total=380mA
Saturated Efficiency
53.5
%
Saturated Output Power (PSAT)
34.4
dBm
VCC=3.0V, VREG1=VREG2=3.1V ICQ total=370mA
Saturated Efficiency
52.5
%
CDMA ADJ Channel Power
-52
dBc
CDMA: PAR=4.5dB, POUT=31.5dBm, 1.23MHz channel
BW, ADJ CH offset/BW=750kHz/30kHz, ALT CH
offset/BW=1.98MHz/30kHz
CDMA ALT Channel Power
-66
dBc
Quiescent Current (ICQ)
340
390
420
mA
VCC=3.6V, VREG1=VREG2=3.1V
Leakage Current
10
uA
VCC=3.6V, VREG1=VREG2=0V
Current at VREG1 and VREG2 (IREG1
and IREG2)
3mA
VCC=3.6V, VREG1=VREG2=3.1V. VREG1/2 supplied through
220
 bias resistance (see evaluation board schematic).
Thermal Resistance, RTH
11
°C/W


Similar Part No. - RF6886

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF6886 QORVO-RF6886 Datasheet
1Mb / 16P
   3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
logo
RF Micro Devices
RF6886 RFMD-RF6886_14 Datasheet
1Mb / 16P
   AMPLIFIER
More results

Similar Description - RF6886

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF6886 QORVO-RF6886 Datasheet
1Mb / 16P
   3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
logo
Micrel Semiconductor
MICRF300 MICREL-MICRF300 Datasheet
245Kb / 8P
   100MHz to 1000MHz, 1.8 to 3.6V, Low-Noise Amplifier with Shutdown
MICRF300YC6 MICREL-MICRF300YC6 Datasheet
232Kb / 8P
   100MHz to 1000MHz, 1.8 to 3.6V, Low-Noise Amplifier with Shutdown
logo
RF Micro Devices
RF5122 RFMD-RF5122 Datasheet
1Mb / 11P
   3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5722 RFMD-RF5722 Datasheet
599Kb / 10P
   3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
   3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
logo
Stealth Microwave, Inc.
SM08010-44L STEALTH_MICROWAVE-SM08010-44L Datasheet
119Kb / 2P
   800-1000MHz 25 Watt Linear Power Amplifier
SM08010-47L STEALTH_MICROWAVE-SM08010-47L Datasheet
212Kb / 2P
   800-1000MHz 50 Watt Linear Power Amplifier
SM002010-44LD STEALTH_MICROWAVE-SM002010-44LD Datasheet
406Kb / 4P
   20-1000MHz 25 Watt Power Amplifier
logo
RF Micro Devices
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com