Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA0133 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA0133
Description  3 TO 5 V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA0133 Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA0133 Datasheet HTML 1Page - RF Micro Devices RFPA0133 Datasheet HTML 2Page - RF Micro Devices RFPA0133 Datasheet HTML 3Page - RF Micro Devices RFPA0133 Datasheet HTML 4Page - RF Micro Devices RFPA0133 Datasheet HTML 5Page - RF Micro Devices RFPA0133 Datasheet HTML 6Page - RF Micro Devices RFPA0133 Datasheet HTML 7Page - RF Micro Devices RFPA0133 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RFPA0133
DS100803
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5.25
VDC
Power Down Voltage (VPD)
-0.5 to +3.3
V
VBIAS
-0.5 to +3.3
V
DC Supply Current
500
mA
Input RF Power
+10
dBm
Output Load VSWR (See Note)
6:1
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Note: Due to high efficiency of this PA, the maximum ICC should always be
less than 400mA. Only under short term poor VSWR conditions is 500mA
acceptable.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, VCC=3.6V, VPD=VBIAS=3.0V,
PIN=0dBm, Freq=915MHz
CW Output Power
27.5
dBm
VCC=3.6V
CW Output Power
30
dBm
VCC=5V
Small Signal Gain
32
dB
PIN=-10dBm
Second Harmonic
23
dBc
Without external second harmonic trap
Third Harmonic
45
dBc
CW Efficiency
55
63
%
G16=“high”, G8=“high”, PIN=0dBm
Power Down “ON”
3.0
V
Voltage supplied to the input
Power Down “OFF”
0
0.5
0.8
V
Voltage supplied to the input
VPD Input Current
6
mA
Only in “ON” state
G16, G8 “ON”
1.7
3.0
V
Voltage supplied to the input
G16, G8 “OFF”
0
0.7
V
Voltage supplied to the input
G16, G8 Input Current
1.0
mA
Only in “ON” state
Output Power
26.5
27.5
29
dBm
G16=“high”, G8=“high”, PIN=0dBm
21
23
25
dBm
G16=“high”, G8=“low”, PIN=0dBm
14
16
18
dBm
G16=“low”, G8=“high”, PIN=0dBm
3
5
8
dBm
G16=“low”, G8=“low”, PIN=0dBm
Turn On/Off Time
200
ns
Power Supply
Power Supply Voltage
3.6
V
Specifications
Power Supply Current
230
mA
G16=“high”, G8=“high”, PIN=0dBm
150
mA
G16=“high”, G8=“low”, PIN=0dBm
65
mA
G16=“low”, G8=“high”, PIN=0dBm
35
mA
G16=“low”, G8=“low”, PIN=0dBm
Idle Current
40
75
110
mA
G16=“high”, G8=“high”, No RF In
60
200
nA
G16=“low”, G8=“low”, PD=“low”. No RF IN.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.


Similar Part No. - RFPA0133

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPA0133 QORVO-RFPA0133 Datasheet
668Kb / 9P
   3 TO 5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
RF Micro Devices
RFPA0133PCK-410 RFMD-RFPA0133PCK-410 Datasheet
668Kb / 9P
   5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
Qorvo, Inc
RFPA0133PCK-410 QORVO-RFPA0133PCK-410 Datasheet
668Kb / 9P
   3 TO 5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
RF Micro Devices
RFPA0133PCK-411 RFMD-RFPA0133PCK-411 Datasheet
668Kb / 9P
   5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
Qorvo, Inc
RFPA0133PCK-411 QORVO-RFPA0133PCK-411 Datasheet
668Kb / 9P
   3 TO 5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
More results

Similar Description - RFPA0133

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPA0133 QORVO-RFPA0133 Datasheet
668Kb / 9P
   3 TO 5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
RF Micro Devices
RFPA0133 RFMD-RFPA0133_12 Datasheet
668Kb / 9P
   5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
Microchip Technology
SST12LP20 MICROCHIP-SST12LP20 Datasheet
176Kb / 13P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier
2013 05/13
SST12LP19E MICROCHIP-SST12LP19E_14 Datasheet
438Kb / 24P
   2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
SST12CP21 MICROCHIP-SST12CP21 Datasheet
337Kb / 17P
   2.4 GHz High-Gain, High-Efficiency Power Amplifier
2014
logo
RF Micro Devices
RF2155 RFMD-RF2155 Datasheet
91Kb / 8P
   3V PROGRAMMABLE GAIN POWER AMPLIFIER
RF2155 RFMD-RF2155_06 Datasheet
109Kb / 7P
   3V PROGRAMMABLE GAIN POWER AMPLIFIER
RF2155 RFMD-RF2155_1 Datasheet
219Kb / 10P
   3V PROGRAMMABLE GAIN POWER AMPLIFIER
logo
Burr-Brown (TI)
PGA102 BURR-BROWN-PGA102 Datasheet
96Kb / 8P
   High Speed PROGRAMMABLE GAIN AMPLIFIER
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com