Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF6886TR13 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF6886TR13
Description  3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6886TR13 Datasheet(HTML) 2 Page - RF Micro Devices

  RF6886TR13 Datasheet HTML 1Page - RF Micro Devices RF6886TR13 Datasheet HTML 2Page - RF Micro Devices RF6886TR13 Datasheet HTML 3Page - RF Micro Devices RF6886TR13 Datasheet HTML 4Page - RF Micro Devices RF6886TR13 Datasheet HTML 5Page - RF Micro Devices RF6886TR13 Datasheet HTML 6Page - RF Micro Devices RF6886TR13 Datasheet HTML 7Page - RF Micro Devices RF6886TR13 Datasheet HTML 8Page - RF Micro Devices RF6886TR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2 of 16
RF6886
DS100817
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
VC2 Collector Quiescent Bias
Current (ICQ2)
350
mA
VC1 Collector Quiescent Bias
Current (ICQ1)
150
mA
Maximum Supply Current
(ICC1+ICC2)
3100
mA
Device Voltage (VD)
4.0
V
Power Dissipation
5
W
Operating Lead Temperature
(TAMBIENT)
-40 to +85
°C
Max RF Input 50
 Output Load
12
dBm
Max RF Output 50
 Load
38
dBm
Output Load VSWR
See Theory of Operation Sec-
tion
Storage Temperature Range
-40 to +150
°C
Operating Junction Temperature
(TJ)
150
°C
ESD Rating - Human Body Model
(HBM)
Class 1A
V
Moisture Sensitivity Level (MSL)
MSL1
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Typical Electrical Specifications
for 433MHz to 470MHz
See 433MHz to 470MHz Evaluation Board Schematic
Operating Frequency
433
450
470
MHz
VCC=3.6V, VREG1=VREG2=3.1V, ICQ total=390mA
OP1dB
34.5
dBm
Small SIgnal Gain
33
dB
Saturated Output Power (PSAT)
36.8
dBm
Saturated Efficiency
55
%
Saturated Output Power (PSAT)
36.3
dBm
VCC=3.3V, VREG1=VREG2=3.1V, ICQ total=380mA
Saturated Efficiency
54.5
%
Saturated Output Power (PSAT)
35.2
dBm
VCC=3.0V, VREG1=VREG2=3.1V, ICQ total=370mA
Saturated Efficiency
53
%
TETRA ADJ Channel Power
-38
dBc
VCC=3.6V, VREG1=VREG2=2.7V, ICQ total=187mA
TETRA: PAR=2.6dB, POUT=32dBm, 24.3kHz channel BW,
ADJ offset=25kHz, ALT offset=50kHz
CDMA: PAR=4.5dB, POUT=32dBm, 1.23MHz channel BW,
ADJ CH offset/BW=750kHz/30kHz, ALT CH
offset/BW=1.98MHz/30kHz
TETRA ALT Channel Power
-53
dBc
CDMA ADJ Channel Power
-50
dBc
CDMA ALT Channel Power
-67
dBc
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.


Similar Part No. - RF6886TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF6886 QORVO-RF6886 Datasheet
1Mb / 16P
   3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
logo
RF Micro Devices
RF6886 RFMD-RF6886_14 Datasheet
1Mb / 16P
   AMPLIFIER
More results

Similar Description - RF6886TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF6886 QORVO-RF6886 Datasheet
1Mb / 16P
   3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
logo
Micrel Semiconductor
MICRF300 MICREL-MICRF300 Datasheet
245Kb / 8P
   100MHz to 1000MHz, 1.8 to 3.6V, Low-Noise Amplifier with Shutdown
MICRF300YC6 MICREL-MICRF300YC6 Datasheet
232Kb / 8P
   100MHz to 1000MHz, 1.8 to 3.6V, Low-Noise Amplifier with Shutdown
logo
RF Micro Devices
RF5122 RFMD-RF5122 Datasheet
1Mb / 11P
   3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5722 RFMD-RF5722 Datasheet
599Kb / 10P
   3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
   3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
logo
Stealth Microwave, Inc.
SM08010-44L STEALTH_MICROWAVE-SM08010-44L Datasheet
119Kb / 2P
   800-1000MHz 25 Watt Linear Power Amplifier
SM08010-47L STEALTH_MICROWAVE-SM08010-47L Datasheet
212Kb / 2P
   800-1000MHz 50 Watt Linear Power Amplifier
SM002010-44LD STEALTH_MICROWAVE-SM002010-44LD Datasheet
406Kb / 4P
   20-1000MHz 25 Watt Power Amplifier
logo
RF Micro Devices
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com