Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHD-0216KZW-AY5 Datasheet(PDF) 2 Page - Newhaven Display International, Inc.

Part # NHD-0216KZW-AY5
Description  OLED Display Module
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-0216KZW-AY5 Datasheet(HTML) 2 Page - Newhaven Display International, Inc.

  NHD-0216KZW-AY5 Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-0216KZW-AY5 Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-0216KZW-AY5 Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-0216KZW-AY5 Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-0216KZW-AY5 Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-0216KZW-AY5 Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-0216KZW-AY5 Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-0216KZW-AY5 Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-0216KZW-AY5 Datasheet HTML 9Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
[2] 
 
 
 
Document Revision History 
Revision 
Date 
Description 
Changed by 
4/1/2011 
Initial Product Release ‐ 
 
 
 
 
 
Functions and Features 
• 2 lines x 16 characters 
• Built‐in LCD comparable controller 
• Parallel or serial MPU interface (Default 6800 MPU parallel) 
• +3.0V or +5.0V Power Supply 
• RoHS compliant 
• Size compatible to NHD‐0216K1Z series Character LCDs 
 
 
 
 


Similar Part No. - NHD-0216KZW-AY5

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5_14 Datasheet
2Mb / 22P
   OLED Display Module
More results

Similar Description - NHD-0216KZW-AY5

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
   OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
   OLED Display Module
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
   OLED Display Module
logo
Crystalfontz America, I...
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
   OLED DISPLAY MODULE
CFAL128128A0-015W CRYSTAIFONTZ-CFAL128128A0-015W Datasheet
443Kb / 13P
   OLED DISPLAY MODULE
CFAL12864K-Y CRYSTAIFONTZ-CFAL12864K-Y Datasheet
493Kb / 11P
   OLED DISPLAY MODULE
logo
Newhaven Display Intern...
NHD-0216SZW-BG5 NEWHAVEN-NHD-0216SZW-BG5 Datasheet
558Kb / 21P
   OLED Display Module
NHD-0216SZW-BY5 NEWHAVEN-NHD-0216SZW-BY5 Datasheet
558Kb / 21P
   OLED Display Module
NHD-0220DZW-AG5 NEWHAVEN-NHD-0220DZW-AG5 Datasheet
531Kb / 21P
   OLED Display Module
NHD-0420DZW-AG5 NEWHAVEN-NHD-0420DZW-AG5 Datasheet
564Kb / 22P
   OLED Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com