Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHD-0420DZW-AG5 Datasheet(PDF) 9 Page - Newhaven Display International, Inc.

Part # NHD-0420DZW-AG5
Description  OLED Display Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-0420DZW-AG5 Datasheet(HTML) 9 Page - Newhaven Display International, Inc.

Back Button NHD-0420DZW-AG5 Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-0420DZW-AG5 Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-0420DZW-AG5 Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-0420DZW-AG5 Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-0420DZW-AG5 Datasheet HTML 9Page - Newhaven Display International, Inc. NHD-0420DZW-AG5 Datasheet HTML 10Page - Newhaven Display International, Inc. NHD-0420DZW-AG5 Datasheet HTML 11Page - Newhaven Display International, Inc. NHD-0420DZW-AG5 Datasheet HTML 12Page - Newhaven Display International, Inc. NHD-0420DZW-AG5 Datasheet HTML 13Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
[9] 
 
Display ON/OFF  
RS 
R/W 
DB7 
DB6 
DB5 
DB4 
DB3
DB2
DB1
DB0
1
D
C
B
D = Display ON/OFF 
When D = “1”, the display is turned ON. When D = “0”, the display is turned OFF. Contents in DDRAM are not changed. 
 
C = Cursor ON/OFF 
When C = “1”, the cursor is displayed. The cursor is displayed as 5 dots on the 8
th line of a character. When C = “0”, the 
cursor is OFF.  
 
B = Blinking Cursor 
When B = “1”, the entire character specified by the cursor blinks at a speed of 409.6ms intervals. When B = “0”, the 
character does not blink, the cursor remains on.  
 
Cursor/Display Shift 
RS 
R/W 
DB7 
DB6 
DB5 
DB4 
DB3
DB2
DB1
DB0
S/C
R/L
0
0
 
  
S/C 
R/L 
Shift Function 
Shifts the cursor position to the left (AC is decremented by 1).
Shifts the cursor position to the right (AC is incremented by 1).
Shifts the entire display to the left. The cursor follows the display shift. 
Shifts the entire display to the right. The cursor follows the display shift. 
When the display is shifted repeatedly, each line moves only horizontally. The second line display does not shift into the 
first line. 
The Address Counter does not change during a Display Shift. 
 
Function Set 
RS 
R/W 
DB7 
DB6 
DB5 
DB4 
DB3
DB2
DB1
DB0
DL 
1
0
FT1
FT0
DL = Interface Data Length 
When DL = “1”, the data is sent or received in 8‐bit length via DB7..DB0. 
When DL = “0”, the data is sent or received in 4‐bit length via DB7..DB4. When the 4‐bit data length is used, the data 
must be sent or received in two consecutive writes/reads to combine the data into full 8‐bits. 
 
FT1, FT0 = Font Table Selection 
FT1 
FT0 
Font Table 
English / Japanese  
Western European #1
English / Russian 
Western European #2
Note: Changing the font table during operation will immediately change any data currently on the display to the 
corresponding character on the newly selected font table. 
 
 
 


Similar Part No. - NHD-0420DZW-AG5

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0420DZW-AB5 NEWHAVEN-NHD-0420DZW-AB5 Datasheet
2Mb / 22P
   Character OLED Display Module
NHD-0420DZW-AY5 NEWHAVEN-NHD-0420DZW-AY5 Datasheet
564Kb / 22P
   OLED Display Module
NHD-0420DZW-AY5 NEWHAVEN-NHD-0420DZW-AY5_14 Datasheet
2Mb / 22P
   Character OLED Display Module
More results

Similar Description - NHD-0420DZW-AG5

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
   OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
   OLED Display Module
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
   OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
   OLED Display Module
logo
Crystalfontz America, I...
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
   OLED DISPLAY MODULE
CFAL128128A0-015W CRYSTAIFONTZ-CFAL128128A0-015W Datasheet
443Kb / 13P
   OLED DISPLAY MODULE
CFAL12864K-Y CRYSTAIFONTZ-CFAL12864K-Y Datasheet
493Kb / 11P
   OLED DISPLAY MODULE
logo
Newhaven Display Intern...
NHD-0216SZW-BG5 NEWHAVEN-NHD-0216SZW-BG5 Datasheet
558Kb / 21P
   OLED Display Module
NHD-0216SZW-BY5 NEWHAVEN-NHD-0216SZW-BY5 Datasheet
558Kb / 21P
   OLED Display Module
NHD-0220DZW-AG5 NEWHAVEN-NHD-0220DZW-AG5 Datasheet
531Kb / 21P
   OLED Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com