Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8810QJ1C1-T Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT8810QJ1C1-T
Description  Eight Channel ActivePath??Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810QJ1C1-T Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT8810QJ1C1-T Datasheet HTML 4Page - Active-Semi, Inc ACT8810QJ1C1-T Datasheet HTML 5Page - Active-Semi, Inc ACT8810QJ1C1-T Datasheet HTML 6Page - Active-Semi, Inc ACT8810QJ1C1-T Datasheet HTML 7Page - Active-Semi, Inc ACT8810QJ1C1-T Datasheet HTML 8Page - Active-Semi, Inc ACT8810QJ1C1-T Datasheet HTML 9Page - Active-Semi, Inc ACT8810QJ1C1-T Datasheet HTML 10Page - Active-Semi, Inc ACT8810QJ1C1-T Datasheet HTML 11Page - Active-Semi, Inc ACT8810QJ1C1-T Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
SYSTEM MANAGEMENT
ACT8810
Rev 8, 08-Oct-10
Active-Semi
Innovative Power
TM
- 8 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
KEY:
R: Read-Only bits. No Default Assigned.
V: Default Values Depend on Voltage Option. Default Values May Vary.
Note: Addresses other than those specified in Table 1 may be used for factory settings. Do not access any registers other than those
specified in Table 1.
REGISTER DESCRIPTIONS
Table 1:
Global Register Map
OUTPUT
ADDRESS
DATA (DEFAULT VALUE)
HEX
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
SYS
06h
0
0
0
0
0
1
1
0
R
R
R
0
R
R
1
R
REG1
10h
0
0
0
1
0
0
0
0
R
R
V
V
V
V
V
V
REG1
11h
0
0
0
1
0
0
0
1
R
R
R
R
R
R
R
R
REG1
12h
0
0
0
1
0
0
1
0
R
R
R
R
R
0
R
1
REG1
13h
0
0
0
1
0
0
1
1
R
V
V
V
V
V
V
V
REG2
20h
0
0
1
0
0
0
0
0
R
R
V
V
V
V
V
V
REG2
21h
0
0
1
0
0
0
0
1
R
R
R
R
R
R
R
R
REG2
22h
0
0
1
0
0
0
1
0
R
R
R
R
R
0
R
1
REG2
23h
0
0
1
0
0
0
1
1
R
V
V
V
V
V
V
V
REG3
30h
0
0
1
1
0
0
0
0
R
R
V
V
V
V
V
V
REG3
31h
0
0
1
1
0
0
0
1
R
R
R
R
R
R
R
R
REG3
32h
0
0
1
1
0
0
1
0
R
R
R
R
R
0
R
1
REG3
33h
0
0
1
1
0
0
1
1
R
V
V
V
V
V
V
V
REG4
40h
0
1
0
0
0
0
0
0
1
R
1
V
V
V
V
V
REG4
43h
0
1
0
0
0
0
1
1
R
R
R
R
R
R
0
R
REG5
41h
0
1
0
0
0
0
0
1
1
R
1
V
V
V
V
V
REG6
42h
0
1
0
0
0
0
1
0
R
R
R
V
V
V
V
V


Similar Part No. - ACT8810QJ1C1-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8810QJ1C1-T ACTIVE-SEMI-ACT8810QJ1C1-T Datasheet
889Kb / 52P
   Eight Channel ActivePathTM Power Management IC
Rev 4, 01-Oct-09
ACT8810QJ1C1-T ACTIVE-SEMI-ACT8810QJ1C1-T Datasheet
768Kb / 53P
   Eight Channel ActivePath Power Management IC
Rev 9, 15-Nov-12
ACT8810QJ1C1-T ACTIVE-SEMI-ACT8810QJ1C1-T Datasheet
766Kb / 54P
   Eight Channel ActivePathTM Power Management IC
Rev 9, 15-Nov-12
More results

Similar Description - ACT8810QJ1C1-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8810 ACTIVE-SEMI-ACT8810_12 Datasheet
768Kb / 53P
   Eight Channel ActivePath Power Management IC
Rev 9, 15-Nov-12
ACT8810 ACTIVE-SEMI-ACT8810 Datasheet
150Kb / 2P
   Eight Channel ActivePath??Power Management IC
12-Mar-09
ACT8935 ACTIVE-SEMI-ACT8935 Datasheet
165Kb / 2P
   Nine Channel ActivePath??Power Management IC
24-Sep-09
ACT8828 ACTIVE-SEMI-ACT8828 Datasheet
141Kb / 2P
   Six Channel ActivePath??Power Management IC
12-Mar-09
ACT8810 ACTIVE-SEMI-ACT8810_14 Datasheet
766Kb / 54P
   Eight Channel ActivePathTM Power Management IC
Rev 9, 15-Nov-12
ACT8810 ACTIVE-SEMI-ACT8810_09 Datasheet
889Kb / 52P
   Eight Channel ActivePathTM Power Management IC
Rev 4, 01-Oct-09
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Active-Semi, Inc
ACT8828 ACTIVE-SEMI-ACT8828_14 Datasheet
719Kb / 51P
   Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
ACT8828 ACTIVE-SEMI-ACT8828_12 Datasheet
720Kb / 50P
   Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com