Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGP10A Datasheet(PDF) 4 Page - Micro Commercial Components

Part # EGP10A
Description  1.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

EGP10A Datasheet(HTML) 4 Page - Micro Commercial Components

  EGP10A Datasheet HTML 1Page - Micro Commercial Components EGP10A Datasheet HTML 2Page - Micro Commercial Components EGP10A Datasheet HTML 3Page - Micro Commercial Components EGP10A Datasheet HTML 4Page - Micro Commercial Components EGP10A Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
trr
+0.5A
0
-0.25
-1.0
1cm
Set Time Base for 20/100ns/cm
25Vdc
1Ω
50Ω
10Ω
Oscilloscope
Note 1
Pulse
Generator
Note 2
Notes:
1. Rise Time = 7ns max.
Input impedance = 1 megohm, 22pF
2. Rise Time = 10ns max.
Source impedance = 50 ohms
3. Resistors are non-inductive
Figure 5
Reverse Recovery Time Characteristic And Test Circuit Diagram
1
100
4
0
10
20
30
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10 20
60 80
40
40
50
60
EGP10A thru EGP10K
MCC
Revision: 7
2008/01/30
TM
Micro Commercial Components
www.mccsemi.com
3 of 4


Similar Part No. - EGP10A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP10A ZOWIE-EGP10A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Silicon Standard Corp.
EGP10A SSC-EGP10A Datasheet
278Kb / 3P
   Glass Passivated Junction Fast Efficient Rectifiers
logo
New Jersey Semi-Conduct...
EGP10A NJSEMI-EGP10A Datasheet
173Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Fairchild Semiconductor
EGP10A FAIRCHILD-EGP10A Datasheet
36Kb / 3P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
Vishay Siliconix
EGP10A VISHAY-EGP10A Datasheet
76Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
More results

Similar Description - EGP10A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
EGP10A MCC-EGP10A Datasheet
91Kb / 3P
   1.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
EGP20A MCC-EGP20A_08 Datasheet
144Kb / 5P
   2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
EGP20A MCC-EGP20A Datasheet
82Kb / 3P
   2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
EGP30A MCC-EGP30A Datasheet
82Kb / 3P
   3.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
EGP30A MCC-EGP30A_08 Datasheet
144Kb / 5P
   3.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
HER101G MCC-HER101G_13 Datasheet
437Kb / 3P
   1.0 Amp Glass Passivated High Efficient Rectifier 50 to 1000 Volts
HER101G MCC-HER101G Datasheet
410Kb / 3P
   1.0 Amp Glass Passivated High Efficient Rectifier 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
HT11G TSC-HT11G_10 Datasheet
563Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
MUR160 TSC-MUR160_10 Datasheet
504Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
UF4001 TSC-UF4001_10 Datasheet
599Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com